Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C04 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT34C04
Description  with Reversible Software Write Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C04 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT34C04_14 Datasheet HTML 5Page - ATMEL Corporation AT34C04_14 Datasheet HTML 6Page - ATMEL Corporation AT34C04_14 Datasheet HTML 7Page - ATMEL Corporation AT34C04_14 Datasheet HTML 8Page - ATMEL Corporation AT34C04_14 Datasheet HTML 9Page - ATMEL Corporation AT34C04_14 Datasheet HTML 10Page - ATMEL Corporation AT34C04_14 Datasheet HTML 11Page - ATMEL Corporation AT34C04_14 Datasheet HTML 12Page - ATMEL Corporation AT34C04_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AT34C04 [DATASHEET]
Atmel-8827D-SEEPROM-AT34C04-Datasheet_122013
9
4.7
Timeout Function
The AT34C04 supports the industry standard bus Timeout feature to help prevent potential system bus hang-ups.
The device resets its serial interface and will stop driving the bus (will let SDA float high) if the SCL pin is held low
for more than the minimum Timeout (tOUT) specification. The AT34C04 will be ready to accept a new Start condition
before the maximum tOUT has elapsed (see Figure 4-3). This feature does require a minimum SCL clock speed of
10kHz to avoid any timeout issues.
Figure 4-3.
Timeout
4.8
2-wire Software Reset
After an interruption in protocol, power loss, or system reset, any 2-wire part can be reset by following these steps:
1.
Create a Start condition.
2.
Clock nine cycles.
3.
Create another Start condition followed by Stop condition as shown in Figure 4-4.
Figure 4-4.
2-wire Software Reset
Device will release Bus and
be ready to accept a new
Start Condition within this Time
t
TIMEOUT (MAX)
t
TIMEOUT (MIN)
SCL
SCL
SDA
9
8
3
2
1
Start
Condition
Start
Condition
Stop
Condition
Dummy Clock Cycles


Similar Part No. - AT34C04_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC ATMEL-AT34C02-10PC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-1.8 ATMEL-AT34C02-10PC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-2.7 ATMEL-AT34C02-10PC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results

Similar Description - AT34C04_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
logo
Integrated Silicon Solu...
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com