Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL10US48 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECL10US48
Description  Ultra Compact Size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL10US48 Datasheet(HTML) 2 Page - XP Power Limited

  ECL10US48 Datasheet HTML 1Page - XP Power Limited ECL10US48 Datasheet HTML 2Page - XP Power Limited ECL10US48 Datasheet HTML 3Page - XP Power Limited ECL10US48 Datasheet HTML 4Page - XP Power Limited ECL10US48 Datasheet HTML 5Page - XP Power Limited ECL10US48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ECL05/10
0.15
(3.8)
1.00
(25.4)
0.80
(20.3)
0.17
(4.4)
0.73
(18.5)
0.90
(22.9)
0.40
(10.1)
0.10
(2.5)
0.10
(2.5)
1.80
(45.7)
1.80
(45.7)
ø 0.07 (ø1.8)
ø 0.04 (ø1.0)
2.00
(50.8)
0.10
(2.5)
+Vo
-Vo
V Adj.
ACN
ACL
V Adj.
2.56 (65.0)
2.28 (58.0)
4-ø0.126 (ø3.20)
0.14
(3.5)
0.73
(18.5)
0.85
(21.6)
0.15
(4.0)
0.68
(17.4)
1.00
(25.4)
+Vo
-Vo
ACN
ACL
4 x ø 0.04 (ø1.0)
0.80 ±0.01 (20.32 ±0.3)
1.07 (27.2)
0.40 ±0.01 (10.16 ±0.3)
0.13 (3.4)
0.13
(3.40)
0.91
(23.0)
0.39
(10.0)
2.06
(52.4)
+Vo
-Vo
ACL
ACN
TOP VIEW
Mechanical Details
Models and Ratings
Output Power
Output Voltage
Output Current
Efficiency
Model Number(2)
Nominal
Peak(1)
4.3 W
3.3 VDC
1.30 A
1.69 A
72%
ECL05US03
5.0 W
5.0 VDC
1.00 A
1.30 A
75%
ECL05US05
5.0 W
9.0 VDC
0.55 A
0.71 A
78%
ECL05US09
5.0 W
12.0 VDC
0.41 A
0.54 A
78%
ECL05US12
5.0 W
15.0 VDC
0.33 A
0.44 A
80%
ECL05US15
5.0 W
24.0 VDC
0.21 A
0.27 A
82%
ECL05US24
5.0 W
48.0 VDC
0.10 A
0.13 A
82%
ECL05US48
8.6 W
3.3 VDC
2.60 A
3.38 A
72%
ECL10US03
10.0 W
5.0 VDC
2.00 A
2.60 A
75%
ECL10US05
10.0 W
9.0 VDC
1.10 A
1.43 A
78%
ECL10US09
10.0 W
12.0 VDC
0.83 A
1.08 A
78%
ECL10US12
10.0 W
15.0 VDC
0.67 A
0.87 A
80%
ECL10US15
10.0 W
24.0 VDC
0.42 A
0.55 A
82%
ECL10US24
10.0 W
48.0 VDC
0.21 A
0.27 A
82%
ECL10US48
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated.
1. All dimensions in inches (mm).
2. Weight: ECL05/10 P Version: 0.057 lbs (26 g)
ECL05/10 T Version: 0.057 lbs (26 g)
ECL05/10 E Version: 0.13 lbs (60 g)
3. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (-T version only)
Input Connector: JST PHR-3
Output Connector: JST PHR-2
Crimps: SPH-002T-P0.5S
Cable harness with 300 mm wire available, order part no. ECL10 LOOM KIT
Notes
Open Frame
Chassis Mount (T)
Encapsulated (E)
Open Frame
PCB Mount (P)


Similar Part No. - ECL10US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL10US48 XPPOWER-ECL10US48 Datasheet
118Kb / 2P
   AC-DC Power Supplies
ECL10US48 XPPOWER-ECL10US48 Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
ECL10US48 OMRON-ECL10US48 Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL10US48 XPPOWER-ECL10US48 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US48 XPPOWER-ECL10US48 Datasheet
449Kb / 6P
   Ultra Compact Size
More results

Similar Description - ECL10US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
logo
WALSIN TECHNOLOGY CORPO...
WF25A WALSIN-WF25A Datasheet
388Kb / 7P
   Ultra high power rating and compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com