Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL15US09 Datasheet(PDF) 6 Page - XP Power Limited

Part # ECL15US09
Description  Ultra Compact Size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL15US09 Datasheet(HTML) 6 Page - XP Power Limited

  ECL15US09 Datasheet HTML 1Page - XP Power Limited ECL15US09 Datasheet HTML 2Page - XP Power Limited ECL15US09 Datasheet HTML 3Page - XP Power Limited ECL15US09 Datasheet HTML 4Page - XP Power Limited ECL15US09 Datasheet HTML 5Page - XP Power Limited ECL15US09 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
12-Nov-13
Notes
ECL30UD/UT
Mechanical Details
Models and Ratings
Output Power
Output 1
Output 2
Output 3
Efficiency
Model
Number(3,4)
Voltage
Current(2)
Voltage
Current(2)
Voltage
Current(2)
30 W
+12.0 V
1.3 A
-12.0 V
1.30 A
84%
ECL30UD01
30 W
+15.0 V
1.0 A
-15.0 V
1.00 A
83%
ECL30UD02
30 W
5.0 V(1)
3.0 A
12.0 V(1)
1.30 A
81%
ECL30UD03
30 W
5.0 V(1)
3.0 A
+12.0 V
0.63 A
-12.0 V
0.63 A
83%
ECL30UT02
30 W
5.0 V(1)
3.0 A
+15.0 V
0.50 A
-15.0 V
0.50 A
81%
ECL30UT03
1. Isolated output
2. Peak load of 130% lasting <30 s with a maximum duty cycle of 10%, average
output power not to exceed nominal.
3. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’
for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
4. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’
e.g. ECL30UT02-SD, DIN rail mounting kit is available as a separate item, order
code ECL25/30 DIN CLIP.
5. UD01/UD02: Load regulation <3%, 10-100% load.
Cross regulation <3%, one output fixed, the other varied from
10-100% load
UD03:
Load regulation <1% V1, <10% V2
Cross regulation <10% V2, V1 varied from 10-100% load
UT02/UT03: Load regulation <1% V1, <10% V2 & V3
Cross regulation <10% V2 & V3, V2 & V3 at 50% load & V1
varied from 20-100% load
ACN
Pin4
Pin5
Pin1
Pin2
VR
Pin3
ACL
2.96 (75.2)
2.85 (72.4)
0.05 (1.4)
ø 0.04 (ø1.0)
ø 0.07(ø1.8)
Pin2
VR
Pin1
NP
ACL
ACN
Pin5
Pin4
Pin3
4-ø0.15 (ø3.8)
3.20 (81.3)
3.46 (87.9)
0.13 (3.3)
Pin3
ACN
ACL
Pin2
Pin5
Pin1
Pin4
Top View
0.29 (7.5)
0.59 (14.9)
C0.04 (1.0)
7-ø0.04 (ø1.00)
0.12 (3.2)
2.85 (72.4)
3.10 (78.7)
ACL
Pin1
Pin2
Pin3
Pin4
Pin5
ACN
Top View
0.18 (4.5)
0.10 (4.5)
3.03 (77.0)
3.43 (87.0)
3.78 (96.0)
0.19 (4.8)
2-ø0.14(ø3.5)
0.39 (10.0)
0.10
(2.5)
0.27
(6.8)
Optional DIN clip
Open Frame
PCB Mount (P)
Open Frame
Chassis Mount (T)
Encapsulated (E)
Screw Terminal (S)
Pin UD01/02
UD03
UT02/03
1
NP
V1 RTN
-V1
2
NP
V1
+V1
3
V2
NP
V3
4
COM
V2 RTN
COM
5
V1
V2
V2
Pin UD01/02
UD03
UT02/03
1
V2
V1 RTN
-V1
2
COM
V1
+V1
3
COM
NC
V3
4
COM
V2 RTN
COM
5
V1
V2
V2
Pin UD01/02
UD03
UT02/03
1
NP
V1 RTN
-V1
2
NP
V1
+V1
3
V2
NP
V3
4
COM
V2 RTN
COM
5
V1
V2
V2
Pin UD01/02
UD03
UT02/03
1
V2
V1 RTN
-V1
2
COM
V1
+V1
3
COM
NC
V3
4
COM
V2 RTN
COM
5
V1
V2
V2
Mating Connectors (-T version only)
Input Connector: JST XHP-3
Output Connector: JST XHP-5
1. All dimensions in inches (mm).
2. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
3. Weight: ECL30 UD/UT: P Version: 0.13 lbs (60 g)
T Version: 0.13 lbs (60 g)
E Version: 0.34 lbs (155 g)
S Version: 0.39 lbs (175 g)
Notes
NP = No pin.
NC = No connection.
NC = No connection.
NP = No pin.


Similar Part No. - ECL15US09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15US09 XPPOWER-ECL15US09 Datasheet
122Kb / 2P
   PCB Mount
ECL15US09 XPPOWER-ECL15US09 Datasheet
450Kb / 6P
   530 Watts ECL Series
ECL15US09 XPPOWER-ECL15US09 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL15US09 XPPOWER-ECL15US09 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
More results

Similar Description - ECL15US09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
logo
WALSIN TECHNOLOGY CORPO...
WF25A WALSIN-WF25A Datasheet
388Kb / 7P
   Ultra high power rating and compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com