Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA-02186 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # INA-02186
Description  Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-02186 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  INA-02186 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-02186 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-02186 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-02186 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-02186 Datasheet HTML 5Page - Agilent(Hewlett-Packard) INA-02186 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6-100
Emitter Inductance and
Performance
As a direct result of their circuit
topology, the performance of INA
MMICs is extremely sensitive to
groundpath (“emitter”) induc-
tance. The two stage design
creates the possibility of a feed-
back loop being formed through
the ground returns of the stages. If
the path to ground provided by
the external circuit is “long” (high
in impedance) compared to the
path back through the ground
return of the other stage, then
instability can occur (see Fig. 1).
This phenomena can show up as a
“peaking” in the gain versus
frequency response (perhaps
creating a negative gain slope
amplifier), an increase in input
VSWR, or even as return gain (a
reflection coefficient greater than
unity) at the input of the MMIC.
The “bottomline” is that excellent
grounding is critical when
using INA MMICs. The use of
plated through holes or equivalent
minimal path ground returns at
the device is essential. An
appropriate layout is shown in
Figure 2. A corollary is that
designs should be done on the
thinnest practical substrate. The
parasitic inductance of a pair of
via holes passing through 0.032"
thick P.C. board is approximately
0.1 nH, while that of a pair of via
holes passing through 0.062" thick
board is close to 0.5 nH. HP does
not recommend using INA family
MMICs on boards thicker than
32 mils.
These stability effects are entirely
predictable. A circuit simulation
using the data sheet S-parameters
and including a description of the
ground return path (via model or
equivalent “emitter” inductance)
will give an accurate picture of the
performance that can be ex-
pected. Device characterizations
are made with the ground leads of
the MMIC directly contacting a
solid copper block (system
ground) at a distance of 2 to 4 mils
from the body of the package.
Thus the information in the data
sheet is a true description of the
performance capability of the
MMIC, and contains minimal
contributions from fixturing.
Figure 1. INA Potential
Ground Loop.
Figure 2. INA Circuit Board 2x
Actual Size.


Similar Part No. - INA-02186

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-02186 HP-INA-02186 Datasheet
56Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02186-BLK HP-INA-02186-BLK Datasheet
56Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02186-TR1 HP-INA-02186-TR1 Datasheet
56Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - INA-02186

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-02184 HP-INA-02184_97 Datasheet
56Kb / 6P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-01100 HP-INA-01100 Datasheet
56Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03100 HP-INA-03100 Datasheet
52Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03170 HP-INA-03170 Datasheet
50Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02100 HP-INA-02100 Datasheet
56Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386 HP-INA-10386 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02170 HP-INA-02170 Datasheet
50Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03184 HP-INA-03184 Datasheet
50Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-01170 HP-INA-01170 Datasheet
50Kb / 3P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com