Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE1A334B Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQE1A334B
Description  Metallized Polyester Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE1A334B Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQE1A334B Datasheet HTML 1Page - Panasonic Semiconductor ECQE1A334B Datasheet HTML 2Page - Panasonic Semiconductor ECQE1A334B Datasheet HTML 3Page - Panasonic Semiconductor ECQE1A334B Datasheet HTML 4Page - Panasonic Semiconductor ECQE1A334B Datasheet HTML 5Page - Panasonic Semiconductor ECQE1A334B Datasheet HTML 6Page - Panasonic Semiconductor ECQE1A334B Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC43−
Plastic Film Capacitors
Style D: 0.010 µF to 0.68 µF
Style B: 0.82 µF to 4.7 µF
■Rating, Dimensions & Quantity/Ammo Box
●Rated voltage: 250 VDC, Capacitance tolerance: ±5 %(J), ±10 %(K)
Suffix for lead crimped or taped type
Cap. tol. code
Part No.
Cap.
(µF)
Dimensions (mm)
ø d
ECQE2103
□B( )
0.010
7.9
4.2
7.1
12.1
5.0
5.0
0.50
ECQE2123
□B( )
0.012
7.9
4.2
7.1
12.1
5.0
5.0
0.50
ECQE2153
□B( )
0.015
7.9
4.2
7.1
12.1
5.0
5.0
0.50
ECQE2183
□B( )
0.018
7.9
4.3
7.2
12.2
5.0
5.0
0.50
ECQE2223
□B( )
0.022
7.9
4.3
7.2
12.2
5.0
5.0
0.50
ECQE2273
□B( )
0.027
7.9
4.3
7.2
12.2
5.0
5.0
0.50
ECQE2333
□B( )
0.033
7.9
4.3
7.2
12.2
5.0
5.0
0.50
ECQE2393
□B( )
0.039
7.9
4.5
7.4
12.4
5.0
5.0
0.50
ECQE2473
□B( )
0.047
7.9
4.5
7.4
12.4
5.0
5.0
0.50
ECQE2563
□B( )
0.056
7.9
4.7
7.7
12.7
5.0
5.0
0.50
ECQE2683
□B( )
0.068
7.9
5.1
8.0
13.0
5.0
5.0
0.50
ECQE2823
□B( )
0.082
7.9
5.4
8.6
13.6
5.0
5.0
0.50
ECQE2104
□B( )
0.10
7.9
5.9
9.0
14.0
5.0
5.0
0.50
ECQE2124
□B( )
0.12
7.9
5.7
10.6
15.6
5.0
5.0
0.50
ECQE2154
□B( )
0.15
7.9
6.3
11.2
16.2
5.0
5.0
0.50
ECQE2184
□B( )
0.18
10.3
5.0
9.7
14.7
7.5
5.0
0.50
ECQE2224
□B( )
0.22
10.3
5.4
10.1
15.1
7.5
5.0
0.50
ECQE2274
□B( )
0.27
10.3
5.9
10.8
15.8
7.5
5.0
0.50
ECQE2334
□B( )
0.33
10.3
6.4
11.3
16.3
7.5
5.0
0.50
ECQE2394
□B( )
0.39
12.3
5.7
10.9
15.9
10.0
5.0
0.60
ECQE2474
□B( )
0.47
12.3
6.2
11.4
16.4
10.0
5.0
0.60
ECQE2564
□B( )
0.56
12.3
6.7
11.9
16.9
10.0
5.0
0.60
ECQE2684
□B( )
0.68
12.3
7.3
12.7
17.7
10.0
5.0
0.60
ECQE2824
□B( )
0.82
15.3
6.3
13.3
18.3
12.5
5.0
0.60
ECQE2105
□B( )
1.0
15.3
7.0
14.0
19.0
12.5
5.0
0.60
ECQE2125
□B( )
1.2
15.3
7.6
14.6
19.6
12.5
5.0
0.60
ECQE2155
□B( )
1.5
15.3
8.6
15.7
20.7
12.5
5.0
0.60
ECQE2185
□B( )
1.8
20.8
7.6
14.6
19.6
17.5
10.0
0.80
ECQE2225
□B( )
2.2
20.8
8.4
15.6
20.6
17.5
10.0
0.80
ECQE2275
□B( )
2.7
20.8
9.3
16.7
21.7
17.5
10.0
0.80
ECQE2335
□B( )
3.3
20.8
10.5
17.9
22.9
17.5
10.0
0.80
ECQE2395
□B( )
3.9
20.8
10.8
19.8
24.8
17.5
10.0
0.80
ECQE2475
□B( )
4.7
20.8
11.9
21.0
26.0
17.5
10.0
0.80
2000
――
1500
――
――
――
1000
1500
1500
1000
1000
1500
1000
900
600
500
400
500
400
300
200
300
400
H max.
Straight Crimped lead Straight
F
Crimped lead
S
500
Min. order Q'ty
Taping
Standard
5 mm
Odd size
5 mm
Odd size
7.5 mm
Bulk
L max.
T max.
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
43


Similar Part No. - ECQE1A334B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE1A334B PANASONIC-ECQE1A334B Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQE1A334B PANASONIC-ECQE1A334B Datasheet
574Kb / 16P
   Plastic Film Capacitors
11-Oct-17
More results

Similar Description - ECQE1A334B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com