Electronic Components Datasheet Search |
|
ECQE2125MF Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
ECQE2125MF Datasheet(HTML) 5 Page - Panasonic Semiconductor |
5 / 14 page 19 Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Plastic Film Capacitors ■Rating, Dimensions & Quantity/Ammo Box ●Rated voltage : 1000VDC, 125VAC, Capacitance tolerance : ±5%(J), ±10%(K), ±20%(M) Part No. 0.001 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0012 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0015 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0018 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0022 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0027 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0033 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0039 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0047 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0056 15.5 7.5 13.0 18.0 12.5 10.0 1.0 0.60 0.0068 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0082 15.5 6.5 12.0 17.0 12.5 12.5 1.0 0.60 0.01 15.5 6.0 11.0 16.0 12.5 12.5 1.0 0.60 0.012 15.5 6.0 12.0 17.0 12.5 12.5 1.0 0.60 0.015 15.5 7.0 12.5 17.5 12.5 12.5 1.0 0.60 0.018 15.5 7.5 13.0 20.0 12.5 12.5 1.0 0.80 0.022 15.5 7.5 15.5 22.5 12.5 12.5 1.0 0.80 0.027 21.0 6.0 13.0 18.0 17.5 12.5 1.0 0.80 0.033 21.0 6.5 14.0 19.0 17.5 12.5 1.0 0.80 0.039 21.0 7.0 14.5 19.5 17.5 12.5 1.0 0.80 0.047 21.0 7.5 15.5 20.5 17.5 12.5 1.0 0.80 0.056 21.0 7.5 17.0 22.0 17.5 12.5 1.0 0.80 0.068 21.0 8.5 18.0 23.0 17.5 12.5 1.0 0.80 0.082 21.0 9.0 18.5 23.5 17.5 12.5 1.0 0.80 0.1 21.0 10.0 20.0 25.0 17.5 12.5 1.0 0.80 0.12 26.0 9.0 18.5 23.5 22.5 17.5 1.0 0.80 0.15 26.0 10.0 20.0 25.0 22.5 17.5 1.5 0.80 0.18 26.0 10.5 22.0 27.0 22.5 17.5 1.5 0.80 0.22 26.0 12.0 23.0 28.0 22.5 17.5 1.5 0.80 ECQE10102 M ECQE10122 M ECQE10152 M ECQE10182 M ECQE10222 M ECQE10272 M ECQE10332 M ECQE10392 M ECQE10472 M ECQE10562 M ECQE10682 M ECQE10822 M ECQE10103 M ECQE10123 M ECQE10153 M ECQE10183 M ECQE10223 M ECQE10273 M ECQE10333 M ECQE10393 M ECQE10473 M ECQE10563 M ECQE10683 M ECQE10823 M ECQE10104 M ECQE10124 M ECQE10154 M ECQE10184 M ECQE10224 M E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) Cap. (µF) 500 400 500 400 500 400 300 — Dimensions (mm) L max. T max. FS Type-1 Type-2 ød H max. Type-1 Type-2 G max. Type-1 Note) Making for rated voltage Type E: (1000V) Type F: (1000V, 125V~) Ammo Quantity StyleD:0.001 to 0.022 µF StyleB:0.027 to 0.22 µF Suffix for lead crimped or taped type Cap. tol. code ▲ ▲ |
Similar Part No. - ECQE2125MF |
|
Similar Description - ECQE2125MF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |