Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE4183MF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQE4183MF
Description  Metallized Polyester Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE4183MF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQE4183MF Datasheet HTML 1Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 2Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 3Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 4Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 5Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 6Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 7Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 8Page - Panasonic Semiconductor ECQE4183MF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Plastic Film Capacitors
±5%(J), ±10%(K)
Part No
Cap.
(µF)
Quantity
Dimensions (mm)
L max.
T max.
FS
G max.
Type-1 Type-2,3 Type-1
5mm
5mm
7.5mm
Ammo
Ammo
Ammo
ø d
H max.
Type-1 Type-2,3
ECQE2103
MF( )
10.3
4.3
7.4
12.4
7.5
7.5
1.0
0.60
ECQE2123
MF( )
0.012
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2153
MF( )
0.015
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2183
MF( )
0.018
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2223
MF( )
0.022
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2273
MF( )
0.027
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2333
MF( )
0.033
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2393
MF( )
0.039
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2473
MF( )
0.047
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2563
MF( )
0.056
10.3
4.8
7.9
12.9
7.5
7.5
1.0
0.60
ECQE2683
MF( )
0.068
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2823
MF( )
0.082
10.3
4.9
8.0
13.0
7.5
7.5
1.0
0.60
ECQE2104
MF( )
0.1
10.3
5.8
8.4
13.4
7.5
7.5
1.0
0.60
ECQE2124
MF( )
0.12
10.3
6.0
9.0
14.0
7.5
7.5
1.0
0.60
ECQE2154
MF( )
0.15
10.3
6.0
10.8
15.8
7.5
7.5
1.0
0.60
ECQE2184
MF( )
0.18
12.0
5.0
10.3
15.3
10.0
10.0
1.0
0.60
ECQE2224
MF( )
0.22
12.0
5.5
10.5
15.5
10.0
10.0
1.0
0.60
ECQE2274
MF( )
0.27
12.0
6.0
11.5
16.5
10.0
10.0
1.0
0.60
ECQE2334
MF( )
0.33
12.0
6.5
12.0
17.0
10.0
10.0
1.0
0.60
ECQE2394
MF( )
0.39
18.5
4.9
12.0
17.0
15.0
10.0
1.0
0.60
ECQE2474
MF( )
0.47
18.5
5.3
12.5
17.5
15.0
10.0
1.0
0.60
ECQE2564
MF( )
0.56
18.5
5.5
13.0
18.0
15.0
10.0
1.0
0.60
ECQE2684
MF( )
0.68
18.5
6.0
13.5
18.5
15.0
10.0
1.0
0.80
ECQE2824
MF( )
0.82
18.5
6.5
14.5
19.5
15.0
10.0
1.0
0.80
ECQE2105
MF( )
1.0
18.5
7.4
15.0
20.0
15.0
10.0
1.0
0.80
ECQE2125
MF( )
1.2
18.5
8.0
15.9
20.9
15.0
10.0
1.0
0.80
ECQE2155
MF( )
1.5
18.5
9.0
16.8
21.8
15.0
10.0
1.0
0.80
ECQE2185
MF( )
1.8
26.0
7.5
15.5
20.5
22.5
15.0
1.0
0.80
ECQE2225
MF( )
2.2
26.0
8.5
16.3
21.3
22.5
15.0
1.0
0.80
ECQE2275
MF( )
2.7
26.0
9.4
17.0
22.0
22.5
15.0
1.0
0.80
ECQE2335
MF( )
3.3
26.0
10.3
18.0
23.0
22.5
15.0
1.5
0.80
ECQE2395
MF( )
3.9
26.0
11.0
20.5
25.5
22.5
15.0
1.5
0.80
ECQE2475
MF( )
4.7
26.0
12.0
21.5
26.5
22.5
15.0
1.5
0.80
ECQE2565
MF( )
5.6
31.0
11.8
21.0
26.0
27.5
1.5
0.80
)
6.8
31.0
13.0
22.4
27.4
27.5
22.5
1.5
0.80
ECQE2825
MF( )
8.2
31.0
14.3
23.5
28.5
27.5
22.5
1.5
0.80
ECQE2106
MF( )
10.0
31.0
15.9
25.8
30.8
27.5
22.5
1.5
0.80
1,000
1,000
500
500
1,000
400
500
400
300
——
StyleN,StyleD:0.01 to 0.33 µF
StyleT,StyleB:0.039 to 10.0 µF
0.56
12.0
5.5
10.9
15.9
10.0
10.0
1.0
0.60
0.68
12.0
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.82
12.0
6.0
13.5
18.5
10.0
10.0
1.0
0.60
12.0
6.7
14.0
19.0
10.0
10.0
1.0
0.60
1.20
18.5
5.5
12.8
17.8
15.0
10.0
1.0
0.60
1.50
18.5
6.0
13.4
18.4
15.0
10.0
1.0
0.80
1.80
18.5
6.5
14.4
19.4
15.0
10.0
1.0
0.80
2.20
18.5
7.0
15.0
20.0
15.0
10.0
1.0
0.80
2.70
18.5
8.0
15.8
20.8
15.0
10.0
1.0
0.80
3.30
18.5
8.5
16.5
21.5
15.0
10.0
1.0
0.80
3.90
26.0
7.0
16.4
21.4
22.5
15.0
1.0
0.80
4.70
26.0
7.5
17.0
22.0
22.5
15.0
1.0
0.80
5.60
26.0
8.3
17.5
22.5
22.5
15.0
1.0
0.80
6.80
26.0
9.0
18.5
23.5
22.5
15.0
1.0
0.80
8.20
26.0
10.0
20.0
25.0
22.5
15.0
1.5
0.80
10.00
26.0
11.5
21.0
26.0
22.5
15.0
1.5
0.80
Part No
Cap.
(µF)
Quantity
500
——
Dimensions (mm)
L max.
T max.
FS
G max.
Type-1 Type-2,3 Type-1
5mm
5mm
7.5mm
Ammo
Ammo
Ammo
ø d
H max.
Type-1 Type-2,3
ECQE1564
MF( )
ECQE1824
MF( )
ECQE1105
MF( )
ECQE1125
MF( )
ECQE1155
MF( )
ECQE1185
MF( )
ECQE1335
MF( )
ECQE1395
MF( )
ECQE1475
MF( )
ECQE1565
MF( )
ECQE1685
MF( )
ECQE1825
MF( )
ECQE1106
MF( )
500
1,000
400
400
500
600
StyleN,styleD:0.056 to 1.0 µF
StyleT,styleB:1.2 to 10.0 µF
■Rating, Dimensions & Quantity/Ammo Box
±
Suffix for lead crimped or taped type
Cap. tol. code
Suffix for lead crimped or taped type
ECQE1684
MF( )
ECQE1225
MF( )
Cap. tol. code
10%(K)
±
1.00
5%(J),
●Rated voltage: 100VDC, Capacitance tolerance:
■Rating, Dimensions & Quantity/Ammo Box
0.01
●Rated voltage: 250VDC,
ECQE1275
MF( )
Capacitance tolerance:
ECQE2685
MF(
22.5


Similar Part No. - ECQE4183MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE4183 PANASONIC-ECQE4183 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4183 PANASONIC-ECQE4183 Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4183 PANASONIC-ECQE4183 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4183 PANASONIC-ECQE4183 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE4183 PANASONIC-ECQE4183 Datasheet
352Kb / 19P
   Plastic Film Capacitors
More results

Similar Description - ECQE4183MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com