Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE4104MF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECQE4104MF
Description  Metallized Polyester Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE4104MF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECQE4104MF Datasheet HTML 1Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 2Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 3Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 4Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 5Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 6Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 7Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 8Page - Panasonic Semiconductor ECQE4104MF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
19
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box
●Rated voltage : 1000VDC, 125VAC, Capacitance tolerance : ±5%(J), ±10%(K), ±20%(M)
Part No.
0.001
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0012
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0015
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0018
15.5
6.0
11.0
16.0
12.5
10.0
1.0
0.60
0.0022
15.5
6.0
11.5
16.5
12.5
10.0
1.0
0.60
0.0027
15.5
6.5
12.0
17.0
12.5
10.0
1.0
0.60
0.0033
15.5
6.0
11.5
16.5
12.5
10.0
1.0
0.60
0.0039
15.5
6.5
12.0
17.0
12.5
10.0
1.0
0.60
0.0047
15.5
7.0
12.5
17.5
12.5
10.0
1.0
0.60
0.0056
15.5
7.5
13.0
18.0
12.5
10.0
1.0
0.60
0.0068
15.5
7.0
12.5
17.5
12.5
10.0
1.0
0.60
0.0082
15.5
6.5
12.0
17.0
12.5
12.5
1.0
0.60
0.01
15.5
6.0
11.0
16.0
12.5
12.5
1.0
0.60
0.012
15.5
6.0
12.0
17.0
12.5
12.5
1.0
0.60
0.015
15.5
7.0
12.5
17.5
12.5
12.5
1.0
0.60
0.018
15.5
7.5
13.0
20.0
12.5
12.5
1.0
0.80
0.022
15.5
7.5
15.5
22.5
12.5
12.5
1.0
0.80
0.027
21.0
6.0
13.0
18.0
17.5
12.5
1.0
0.80
0.033
21.0
6.5
14.0
19.0
17.5
12.5
1.0
0.80
0.039
21.0
7.0
14.5
19.5
17.5
12.5
1.0
0.80
0.047
21.0
7.5
15.5
20.5
17.5
12.5
1.0
0.80
0.056
21.0
7.5
17.0
22.0
17.5
12.5
1.0
0.80
0.068
21.0
8.5
18.0
23.0
17.5
12.5
1.0
0.80
0.082
21.0
9.0
18.5
23.5
17.5
12.5
1.0
0.80
0.1
21.0
10.0
20.0
25.0
17.5
12.5
1.0
0.80
0.12
26.0
9.0
18.5
23.5
22.5
17.5
1.0
0.80
0.15
26.0
10.0
20.0
25.0
22.5
17.5
1.5
0.80
0.18
26.0
10.5
22.0
27.0
22.5
17.5
1.5
0.80
0.22
26.0
12.0
23.0
28.0
22.5
17.5
1.5
0.80
ECQE10102
M
ECQE10122
M
ECQE10152
M
ECQE10182
M
ECQE10222
M
ECQE10272
M
ECQE10332
M
ECQE10392
M
ECQE10472
M
ECQE10562
M
ECQE10682
M
ECQE10822
M
ECQE10103
M
ECQE10123
M
ECQE10153
M
ECQE10183
M
ECQE10223
M
ECQE10273
M
ECQE10333
M
ECQE10393
M
ECQE10473
M
ECQE10563
M
ECQE10683
M
ECQE10823
M
ECQE10104
M
ECQE10124
M
ECQE10154
M
ECQE10184
M
ECQE10224
M
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
E(
)
F(
)
Cap.
(µF)
500
400
500
400
500
400
300
Dimensions (mm)
L max.
T max.
FS
Type-1 Type-2
ød
H max.
Type-1 Type-2
G max.
Type-1
Note)
Making for rated voltage
Type E: (1000V)
Type F: (1000V, 125V~)
Ammo
Quantity
StyleD:0.001 to 0.022 µF
StyleB:0.027 to 0.22 µF
Suffix for lead crimped or taped type
Cap. tol. code


Similar Part No. - ECQE4104MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE4104 PANASONIC-ECQE4104 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4104 PANASONIC-ECQE4104 Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4104 PANASONIC-ECQE4104 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4104 PANASONIC-ECQE4104 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE4104 PANASONIC-ECQE4104 Datasheet
352Kb / 19P
   Plastic Film Capacitors
More results

Similar Description - ECQE4104MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com