Electronic Components Datasheet Search |
|
ECA2CHG101 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECA2CHG101 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 5 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ NHG – EEE-99 – 08 0D±0.5 Sleeve 14 min. 3 min. L L 16 : L±1.0 L 20 : L±2.0 Pressure relief 06.3 + – 010 0D±0.5 ■ Features ● Endurance : 105 °C 1000 h to 2000 h ● RoHS directive compliant Radial Lead Type Series: NHG Type: A ■ Specifications Category Temp. Range –55 °C to +105 °C –25 °C to +105 °C Rated W.V. Range 6.3 V.DC to 100 V.DC 160 V.DC to 450 V.DC Nominal Cap. Range 2.2 μF to 22000 μF 1 μF to 330 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (μA) After 2 minutes (Which is greater) I < 0.06 CV +10 (μA) After 2 minutes tan d Please see the attached standard products list Endurance After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum of DC and ripple peak voltage shall not exceed the rated working voltage), When the capacitors are restored to 20 °C, the capacitors shall meet the limits specified below. Duration : 6.3 V.DC to 100 V.DC : (05 to 08)=1000 hours, (010 to 018)=2000 hours 160 V.DC to 450 V.DC : 2000 hours Capacitance change ±20 % of initial measured value tan d < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) ■ Dimensions in mm (not to scale) W.V.(V.DC) Cap. (μF) Frequency (Hz) 60 120 1 k 10 k 100 k 6.3 to 100 2.2 to 33 0.75 1.00 1.55 1.80 2.00 47 to 470 0.80 1.00 1.35 1.50 1.50 1000 to 22000 0.85 1.00 1.10 1.15 1.15 160 to 450 1 to 330 0.80 1.00 1.35 1.50 1.50 ■ Frequency correction factor for ripple current Body Dia. 0D5 6.3 8 10 12.5 16 18 Lead Dia. 0d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 Lead space F 2.0 2.5 3.5 5.0 5.0 7.5 7.5 (Unit : mm) 02 May. 2014 |
Similar Part No. - ECA2CHG101 |
|
Similar Description - ECA2CHG101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |