Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE4684MF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQE4684MF
Description  Metallized Polyester Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE4684MF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQE4684MF Datasheet HTML 1Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 2Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 3Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 4Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 5Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 6Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 7Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 8Page - Panasonic Semiconductor ECQE4684MF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Plastic Film Capacitors
Blank Type 1
Straight
B
Type 2
Crimped lead
W
Type 3
3
Ammo
Crimped taping
6
Ammo
Crimped taping
9
Reel
Crimped taping
Metallized Polyester Film Capacitor
Type:
ECQE(F)
Non-inductive construction using metallized Polyester
film with flame retardant epoxy resin coating
■Features
Self-healing property
Excellent electrical characteristics
Flame retardant epoxy resin coating
■Recommended Applications
General purpose usage
....Please contact us when applications are CD , ignitor etc.
■Explanation of Part Numbers
123456789
10
11
12
E
C
Q
E
Product code
Dielectric &
construction
Rated volt.
Capacitance
F
Cap. Tol. Suffix
Suffix
1
2
4
6
100VDC
250VDC
400VDC
630VDC
10
12
1000VDC
1250VDC
J
K
M
±5%
±10%
±20%
E
C
Q
E
Product code
Dielectric &
construction
Rated volt.
Capacitance
R
Suffix Cap. Tol. Suffix
■Specifications
Category temp. range
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor
Withstand voltage
Insulation resistance
–40 to +85˚C
(+105˚C......75% of Rated voltage)
0.001 to 10µF(E-12)
±5%(J), ±10%(K), ±20%(M)
1.0%max. (20˚C, 1kHz)
Rated volt. 100V to 630VDC
Between terminals : Rated volt.(VDC)150% 60s
Rated volt. 1000VDC,1250VDC
Between terminals : Rated volt.(VDC)175% 2 to 5s or 1000VAC 60s
Between terminals to enclosure : 1500VAC 60s
100V to 630VDC:
C <
= 0.33µF : 9000M
Ωmin.
(20˚C, 100VDC 60s)
C > 0.33µF : 3000M
Ω . µFmin.
1000VDC, 1250VDC:
10000M
Ωmin. (20˚C, 100VDC 60s)
2000M
Ωmin. (20˚C, 500VDC 60s)
●Explanation of Part Number for Odd Size Taping
100VDC, 250VDC,400VDC, 630VDC, 1000VDC, 1250VDC


Similar Part No. - ECQE4684MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE4684 PANASONIC-ECQE4684 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4684 PANASONIC-ECQE4684 Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4684 PANASONIC-ECQE4684 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4684 PANASONIC-ECQE4684 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE4684 PANASONIC-ECQE4684 Datasheet
352Kb / 19P
   Plastic Film Capacitors
More results

Similar Description - ECQE4684MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com