Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA-12063-TR1 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # INA-12063-TR1
Description  1.5 GHz Low Noise Self-Biased Transistor Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-12063-TR1 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button INA-12063-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) INA-12063-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
6-122
INA-12063 Typical Scattering Parameters[1], IC = 8 mA
TC =25°C, ZO = 50 Ω, Vd = 3.0 V
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.1
0.80
-13
22.3
12.97
166
-41.9
0.01
73
0.98
-5
0.2
0.76
-24
21.7
12.17
152
-37.4
0.01
72
0.94
-11
0.3
0.69
-35
20.9
11.10
141
-33.9
0.02
75
0.90
-15
0.4
0.63
-44
20.1
10.06
130
-32.2
0.02
69
0.86
-18
0.5
0.55
-49
19.0
8.89
121
-30.6
0.03
64
0.83
-21
0.6
0.50
-55
18.1
8.00
114
-29.6
0.03
64
0.80
-23
0.7
0.45
-59
17.1
7.20
107
-28.9
0.04
59
0.77
-24
0.8
0.41
-64
16.3
6.56
102
-28.0
0.04
59
0.76
-25
0.9
0.37
-67
15.6
6.02
97
-26.9
0.05
58
0.73
-26
1.0
0.34
-69
14.9
5.53
92
-26.5
0.05
58
0.71
-29
1.1
0.32
-72
14.1
5.08
88
-25.9
0.05
57
0.71
-30
1.2
0.30
-76
13.5
4.72
84
-25.4
0.05
56
0.70
-31
1.3
0.28
-76
12.9
4.40
81
-24.7
0.06
55
0.69
-33
1.4
0.26
-79
12.4
4.18
77
-24.1
0.06
53
0.68
-34
1.5
0.24
-82
11.7
3.86
74
-23.5
0.07
53
0.67
-36
1.6
0.23
-81
11.4
3.71
71
-23.4
0.07
52
0.65
-38
1.7
0.21
-84
10.8
3.48
68
-22.8
0.07
52
0.66
-39
1.8
0.20
-85
10.5
3.34
65
-22.7
0.07
51
0.66
-41
1.9
0.19
-89
9.9
3.14
62
-22.0
0.08
50
0.67
-42
2.0
0.17
-88
9.6
3.01
59
-21.5
0.08
48
0.66
-44
2.1
0.17
-91
9.2
2.89
56
-21.2
0.09
47
0.64
-45
2.2
0.15
-91
8.8
2.77
53
-21.0
0.09
44
0.63
-47
2.3
0.14
-93
8.6
2.68
51
-20.6
0.09
43
0.64
-49
2.4
0.14
-94
8.3
2.59
48
-20.4
0.09
43
0.64
-49
2.5
0.13
-98
8.0
2.51
47
-19.9
0.10
43
0.63
-51
2.6
0.12
-102
7.7
2.42
43
-19.5
0.11
42
0.61
-53
2.7
0.11
-103
7.3
2.32
40
-19.0
0.11
41
0.61
-56
2.8
0.10
-107
7.1
2.25
37
-18.6
0.12
38
0.61
-58
2.9
0.10
-101
6.7
2.17
36
-18.7
0.12
34
0.58
-60
3.0
0.09
-110
6.8
2.18
34
-18.7
0.12
35
0.61
-60
Note:
1. Reference plane per Figure 31 in Applications Information section.
0.1
0.9
1.7
2.5
FREQUENCY (GHz)
0
10
5
20
15
25
30
MAG
|S21|
2
MSG
Typical Noise Parameters @ 900 MHz, IC = 8 mA
Fmin (dB)
Γ
opt Mag.
Γ
opt Ang.
RN ()
2.0
0.30
41
15


Similar Part No. - INA-12063-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-10386 HP-INA-10386 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386-BLK HP-INA-10386-BLK Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386-TR1 HP-INA-10386-TR1 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - INA-12063-TR1

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2066RBF UMS-CHA2066RBF Datasheet
182Kb / 8P
   10-16GHz Self biased Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
   1.0 - 1.5 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
   Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
logo
Agilent(Hewlett-Packard...
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com