Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDD430 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDD430
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD430 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDD430 Datasheet HTML 4Page - IXYS Corporation IXDD430 Datasheet HTML 5Page - IXYS Corporation IXDD430 Datasheet HTML 6Page - IXYS Corporation IXDD430 Datasheet HTML 7Page - IXYS Corporation IXDD430 Datasheet HTML 8Page - IXYS Corporation IXDD430 Datasheet HTML 9Page - IXYS Corporation IXDD430 Datasheet HTML 10Page - IXYS Corporation IXDD430 Datasheet HTML 11Page - IXYS Corporation IXDD430 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
IXDN430 / IXDI430 / IXDD430 / IXDS430
Supply Current vs. Load Capacitance
Vcc = 35V
0
50
100
150
200
250
300
350
400
1000
10000
100000
Load Capacitance (pF)
10 kHz
50 kHz
100 kHz
500 kHz
1 MHz
Supply Current vs. Frequency
Vcc = 35V
1
10
100
1000
1
10
100
1000
10000
Frequency (kHz)
1000 pF
5600 pF
10000 pF
15000 pF
Fig. 16
Fig. 17
Fig. 18
Fig. 19
Fig. 20
Fig. 15
Quiescent Supply Current vs. Temperature
Vcc = 18V, Vin = 15V@1kHz, CL = 5600pF
0
0.1
0.2
0.3
0.4
0.5
0.6
-60
-10
40
90
140
190
Temperature (C)
Propagation Delay Times vs. Temperature
CL = 5600pF, Vcc = 18V
0
10
20
30
40
50
60
70
-60
-10
40
90
140
190
Temperature (C)
tONDLY
tOFFDLY
Propagation Delay vs. Supply Voltage
CL = 5600 pF Vin = 15V@1kHz
0
5
10
15
20
25
30
35
40
45
50
10
15
20
25
30
35
Supply Voltage (V)
tONDLY
tOFFDLY
Propagation Delay vs. Input Voltage
CL = 5600 pF Vcc = 18V
0
5
10
15
20
25
30
35
40
45
50
5
10152025
Input Voltage (V)
tONDLY
tOFFDLY


Similar Part No. - IXDD430

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD430 IXYS-IXDD430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD430CI IXYS-IXDD430CI Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD430YI IXYS-IXDD430YI Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
More results

Similar Description - IXDD430

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
   9 Amp Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
   9A Low Side SiC MOSFET & IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com