Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDD430MYI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDD430MYI
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD430MYI Datasheet(HTML) 4 Page - IXYS Corporation

  IXDD430MYI Datasheet HTML 1Page - IXYS Corporation IXDD430MYI Datasheet HTML 2Page - IXYS Corporation IXDD430MYI Datasheet HTML 3Page - IXYS Corporation IXDD430MYI Datasheet HTML 4Page - IXYS Corporation IXDD430MYI Datasheet HTML 5Page - IXYS Corporation IXDD430MYI Datasheet HTML 6Page - IXYS Corporation IXDD430MYI Datasheet HTML 7Page - IXYS Corporation IXDD430MYI Datasheet HTML 8Page - IXYS Corporation IXDD430MYI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
IXDN430 / IXDI430 / IXDD430 / IXDS430
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
8.5
≤ Vcc ≤ 18V
3.5
V
VIL
Low input voltage
8.5
≤ Vcc ≤ 18V
1.1
V
VIN
Input voltage range
-5
VCC + 0.3
V
ROH
Output resistance
@ Output high
VCC = 18V
0.46
ROL
Output resistance
@ Output Low
VCC = 18V
0.4
tR
Rise time
CL=5600pF Vcc=18V
20
ns
tF
Fall time
CL=5600pF Vcc=18V
18
ns
tONDLY
On-time propagation
delay
CL=5600pF Vcc=18V
58
ns
tOFFDLY
Off-time propagation
delay
CL=5600pF Vcc=18V
51
ns
VCC
Power supply voltage
8.5
18
35
V
Electrical Characteristics
Unless otherwise noted, temperature over -55 oC to +125 oC, 4.5
≤ V
CC
35V .
All voltage measurements with respect to GND. IXDD430 configured as described in Test Conditions.
NOTE: Mounting tabs, solder tabs, or heat sink metalization on all packages are connected to ground.
5-lead TO-220 Outline (IXD_430CI, IXD_430MCI)
28-pin SOIC Outline (IXD_430SI)
5-lead TO-263 Outline (IXD_430YI, IXD_430MYI)


Similar Part No. - IXDD430MYI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD430 IXYS-IXDD430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD430CI IXYS-IXDD430CI Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD430YI IXYS-IXDD430YI Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
More results

Similar Description - IXDD430MYI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
   9 Amp Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
   9A Low Side SiC MOSFET & IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com