Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDD430MYI Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDD430MYI
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD430MYI Datasheet(HTML) 5 Page - IXYS Corporation

  IXDD430MYI Datasheet HTML 1Page - IXYS Corporation IXDD430MYI Datasheet HTML 2Page - IXYS Corporation IXDD430MYI Datasheet HTML 3Page - IXYS Corporation IXDD430MYI Datasheet HTML 4Page - IXYS Corporation IXDD430MYI Datasheet HTML 5Page - IXYS Corporation IXDD430MYI Datasheet HTML 6Page - IXYS Corporation IXDD430MYI Datasheet HTML 7Page - IXYS Corporation IXDD430MYI Datasheet HTML 8Page - IXYS Corporation IXDD430MYI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
IXDN430 / IXDI430 / IXDD430 / IXDS430
Pin Description
SYMBOL
FUNCTION
DESCRIPTION
VCC
Supply Voltage
Positive power-supply voltage input. This pin provides power to the
entire chip. The range for this voltage is from 8.5V to 35V.
IN
Input
Input signal-TTL or CMOS compatible.
EN *
Enable
The system enable pin. This pin, when driven low, disables the chip,
forcing high impedance state to the output (IXDD430 Only).
INV
Invert
Forcing INV low causes the IXDS430 to become non-inverted, while
forcing INV high causes the IXDS430 to become inverted.
OUT P
OUT N
Output
Respective P and N driver outputs. For application purposes this pin
is connected, through a resistor, to Gate of a MOSFET/IGBT. The P
and N output pins are connected together in the TO-263 and TO-220
packages.
GND
Ground
The system ground pin. Internally connected to all circuitry, this pin
provides ground reference for the entire chip. This pin should be
connected to a low noise analog ground plane for optimum
performance.
UVSEL
Select Under
Voltage Level
W ith UVSEL connected to Vcc, IXDS430 outputs go low at Vcc <
8.5V; W ith UVSEL open, under voltage level is set at Vcc < 12.5V
Figure 2 - Characteristics Test Diagram
* This pin is used only on the IXDD430, and is N/C (not connected) on the IXDI430 and IXDN430.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures when
handling and assembling this component.
TO220 (CI)
TO263 (YI)
Vcc
OUT
GND
IN
EN*
1
2
3
4
5
Pin Configurations
(SI-CT)
28 Pin SOIC
Vcc 4
Vcc 3
Vcc 2
Vcc 1
25 Vcc
26 Vcc
27 Vcc
28 Vcc
18 GND
GND 11
16 GND
17 GND
15 GND
GND 13
GND 12
22 OUT P
23 OUT P
24 OUT P
19 OUT N
20 OUT N
21 OUT N
GND 14
N/C 7
N/C 5
UVSEL 6
IN 8
EN 9
INV 10
+
Vin
-
Vcc
EN
IN
GND
OUT
Vcc
+
IXDD430
C
LOAD
-
C
BYPASS/
.
.
FILTER


Similar Part No. - IXDD430MYI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD430 IXYS-IXDD430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD430CI IXYS-IXDD430CI Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD430YI IXYS-IXDD430YI Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
More results

Similar Description - IXDD430MYI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
   9 Amp Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
   9A Low Side SiC MOSFET & IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com