Electronic Components Datasheet Search |
|
ECQE10222M Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
ECQE10222M Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 14 page Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Plastic Film Capacitors ■Rating, Dimensions & Quantity/Ammo Box ●Rated voltage : 1250VDC,125VAC, Capacitance tolerance : ±5%(J), ±10%(K), ±20%(M) Part No. 0.001 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0012 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0015 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0018 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0022 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0027 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0033 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0039 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0047 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0056 15.5 7.5 13.0 18.0 12.5 10.0 1.0 0.60 0.0068 15.5 7.5 15.0 20.0 12.5 10.0 1.0 0.60 0.0082 21.0 5.0 12.0 17.0 17.5 12.5 1.0 0.60 0.01 21.0 5.0 12.5 17.5 17.5 12.5 1.0 0.60 0.012 21.0 5.5 13.0 18.0 17.5 12.5 1.0 0.60 0.015 21.0 6.0 13.5 18.5 17.5 12.5 1.0 0.60 0.018 21.0 6.5 14.5 19.5 17.5 12.5 1.0 0.80 0.022 21.0 7.0 15.0 20.0 17.5 12.5 1.0 0.80 0.027 26.0 6.0 15.5 20.5 22.5 17.5 1.0 0.80 0.033 26.0 6.5 16.0 21.0 22.5 17.5 1.0 0.80 0.039 26.0 7.0 16.5 21.5 22.5 17.5 1.0 0.80 0.047 26.0 8.0 17.0 22.0 22.5 17.5 1.0 0.80 0.056 31.0 7.5 17.0 22.0 27.5 22.5 1.0 0.80 0.068 31.0 8.0 17.5 22.5 27.5 22.5 1.0 0.80 0.082 31.0 9.0 18.5 23.5 27.5 22.5 1.0 0.80 0.1 31.0 10.0 19.5 24.5 27.5 22.5 1.0 0.80 0.12 31.0 11.5 20.5 25.5 27.5 22.5 1.5 0.80 0.15 31.0 12.0 23.0 28.0 27.5 22.5 1.5 0.80 0.18 31.0 13.0 24.5 29.5 27.5 22.5 1.5 0.80 0.22 31.0 14.5 26.5 31.5 27.5 22.5 1.5 0.80 ECQE12102 M ECQE12122 M ECQE12152 M ECQE12182 M ECQE12222 M ECQE12272 M ECQE12332 M ECQE12392 M ECQE12472 M ECQE12562 M ECQE12682 M ECQE12822 M ECQE12103 M ECQE12123 M ECQE12153 M ECQE12183 M ECQE12223 M ECQE12273 M ECQE12333 M ECQE12393 M ECQE12473 M ECQE12563 M ECQE12683 M ECQE12823 M ECQE12104 M ECQE12124 M ECQE12154 M ECQE12184 M ECQE12224 M E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) E( ) F( ) Cap. (µF) Quantity Ammo 500 400 500 Dimensions (mm) L max. T max. FS Type-1 Type-2 ød H max. Type-1 Type-2 G max. Type-1 Note) Making for rated voltage Type E: (1250V) Type F: (1250V, 125V~) StyleD:0.001to 0.0068 µF StyleB:0.0082 to 0.22 µF Suffix for lead crimped or taped type Cap. tol. code ▲ ▲ |
Similar Part No. - ECQE10222M |
|
Similar Description - ECQE10222M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |