Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVA-14208 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # IVA-14208
Description  Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IVA-14208 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  IVA-14208 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 4Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 5Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 6Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6-188
IVA-14228 Typical Performance Curves (cont.)
Figure 10. IVA-14228 Gain vs. Fre-
quency and Temperature; VCC = 6 V,
VGC = 0 V.
Figure 11: IVA-14228 P1dB vs. Fre-
quency and Temperature; VCC = 6 V,
VGC = 0 V.
Figure 12. IVA-14228 Gain and P1dB vs.
Temperature; VCC = 6 V, VGC = 0 V,
Frequency = 1 GHz.
Figure 13. IVA-14228 Noise Figure vs.
Frequency and Temperature; VCC = 6 V,
VGC = 0 V.
Figure 14. IVA-14228 ICC vs.
Temperature; VCC = 6 V, VGC = 0 V,
Frequency = 1 GHz.
Figure 15. IVA-14228 ICC vs. VCC and
Temperature; VGC = 0 V.
Figure 16. IVA-14228 Gain vs. VCC and
Temperature; VGC = 0 V,
Frequency = 1 GHz.
Figure 17. IVA-14228 P1dB vs. VCC and
Temperature; VGC = 0 V,
Frequency = 1 GHz.
28
24
22
18
16
0.1
1.0
3.0
FREQUENCY (GHz)
26
20
-55°C
25°C
125°C
2
-2
-4
-8
0.1
1.0
3.0
FREQUENCY (GHz)
0
-6
-55°C
25°C
125°C
26
24
23
21
-55
85
125
TEMPERATURE (°C)
25
22
-25
25
0
-2
-3
-5
-1
-4
0
P
>
1dB
< GAIN
55
20
15
5
0.1
1.0
3.0
FREQUENCY (GHz)
10
-55°C
25°C
125°C
45
35
30
25
-55
85
125
TEMPERATURE (°C)
40
-25
25
055
60
40
30
20
5
6.5
7
V
(VOLTS)
50
5.5
6
CC
125°C
25°C
-55°C
28
24
22
20
5
6.5
7
V
(VOLTS)
26
5.5
6
CC
125°C
25°C
-55°C
27
25
23
21
2
-2
-4
-10
5
6.5
7
V
(VOLTS)
0
5.5
6
CC
125°C
25°C
-55°C
-6
-8


Similar Part No. - IVA-14208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-STR HP-IVA-05208-STR Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-TR1 HP-IVA-05208-TR1 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
More results

Similar Description - IVA-14208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
Hittite Microwave Corpo...
HMC152 HITTITE-HMC152 Datasheet
136Kb / 4P
   PHASE COMPENSATED VARIABLE GAIN AMPLIFIER 2.5 - 5.0 GHz
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com