Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39532-1015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39532-1015
Description  5.08mm Pitch Eurostyle Horizontal PCB Header, 15 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39532-1015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39532-1015 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39532-1015
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Horizontal PCB Header, 15 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39532
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350506762
Physical
Circuits (Loaded)
15
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
PC Tail Length
5.08mm
PCB Thickness - Recommended
3.18mm
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001, RPS-39500-001
Sales Drawing
SD-39532-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39532Series
Mates With
39530 Horizontal Plug, 39533 Vertical Plug,
Most 5.08mm Pitch Industry Standard Plugs
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39532-1015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39532-1010 MOLEX11-39532-1010 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 10 Circuits
39532-1011 MOLEX11-39532-1011 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 11 Circuits
39532-1012 MOLEX11-39532-1012 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 12 Circuits
39532-1013 MOLEX11-39532-1013 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 13 Circuits
39532-1014 MOLEX11-39532-1014 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 14 Circuits
More results

Similar Description - 39532-1015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39512-1015 MOLEX11-39512-1015 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Horizontal PCB Header, 15 Circuits
39502-1015 MOLEX11-39502-1015 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, 15 Circuits
39532-0015 MOLEX11-39532-0015 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, Open Ends, 15 Circuits
39532-1013 MOLEX11-39532-1013 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 13 Circuits
39532-1023 MOLEX11-39532-1023 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 23 Circuits
39532-1024 MOLEX11-39532-1024 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 24 Circuits
39532-1002 MOLEX11-39532-1002 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 2 Circuits
39532-1010 MOLEX11-39532-1010 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 10 Circuits
39532-1019 MOLEX11-39532-1019 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 19 Circuits
39532-1022 MOLEX11-39532-1022 Datasheet
44Kb / 1P
   5.08mm Pitch Eurostyle Horizontal PCB Header, 22 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com