Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LST2527-S4-B-FP Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # LST2527-S4-B-FP
Description  Coaxial Pigtailed Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LST2527-S4-B-FP Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  LST2527-S4-B-FP Datasheet HTML 1Page - Agilent(Hewlett-Packard) LST2527-S4-B-FP Datasheet HTML 2Page - Agilent(Hewlett-Packard) LST2527-S4-B-FP Datasheet HTML 3Page - Agilent(Hewlett-Packard) LST2527-S4-B-FP Datasheet HTML 4Page - Agilent(Hewlett-Packard) LST2527-S4-B-FP Datasheet HTML 5Page - Agilent(Hewlett-Packard) LST2527-S4-B-FP Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
525
Ordering Information
Coaxial Package
LST2X2X
-
XX
-
Y
-
ZZ
Connector Type:
FP = FC/PC
ST* = ST
SC = SC
DN = DIN
SF = Superpolish FC/PC
Flange:
B = Without mounting flange
T = Universal flange
Empty = 155 Mb/s operation
S4 = 622 Mb/s operation
Pinout:
5 = see pinout diagram
7 = see pinout diagram
Power:
5 = Po = 200
µW
8 = Po = 1 mW
9 = Po = 1.6 mW
Dual-in-Line Package
LST3X21
-
XX
-
ZZ
Connector Type:
FP = FC/PC
ST* = ST
SC = SC
DN = DIN
SF = Superpolish FC/PC
Empty = 155 Mb/s operation
S4 = 622 Mb/s operation
Power:
5 = Po = 200
µW
8 = Po = 1 mW
9 = Po = 1.6 mW
*ST® is a registered trademark of AT&T.


Similar Part No. - LST2527-S4-B-FP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425A-B-AP HP-LST2425A-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425A-T-AP HP-LST2425A-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-B-AP HP-LST2425B-B-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425B-T-AP HP-LST2425B-T-AP Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
More results

Similar Description - LST2527-S4-B-FP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL405-15-4 ROITHNER-SPL405-15-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-45-4 ROITHNER-SPL405-45-4 Datasheet
163Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com