Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSC3100-SF Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # LSC3100-SF
Description  14 Pin DIL Uncooled Laser Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3100-SF Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  LSC3100-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
481
LSC3X00 Pin Connections and Block Diagram
Top View
LSC3X00 Mechanical Outline - Dimensions in mm
14 NOT CONNECTED
13 NOT CONNECTED
12 NOT CONNECTED
11 NOT CONNECTED
10 LASER ANODE (+), GROUND
9 LASER CATHODE (-)
8 MONITOR PHOTODIODE ANODE (-ve SUPPLY)
NOT CONNECTED 1
NOT CONNECTED 2
NOT CONNECTED 3
NOT CONNECTED 4
CASE GROUND 5
NOT CONNECTED 6
MONITOR PHOTODIODE CATHODE (+ve SUPPLY) 7
FIBER PIGTAIL
B C
A
R
Q
L
N
F
E
P
G
H
K
J
D
M
DIM.
MIN.
MAX.
A
B
C
D
E
F
G
H
12.6
19.05 NOM.
25.3
6.4
21.33
7.01
9.40
12.8
25.5
6.8
6.0
21.53
7.21
9.60
ALL DIMENSIONS IN MILLIMETERS
DIM.
MIN.
MAX.
J
K
L
M
N
P
Q
R
5.5
2.52 NOM.
25.0 NOM.
800
1.5
0.99
7.62 NOM.
5.9
4.2
1.8
1.05


Similar Part No. - LSC3100-SF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4M3GEX DIALIGHT-LSC3C4M3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
logo
Honeywell Solid State E...
LSC3K HONEYWELL-LSC3K Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSC3100-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSCX110 HP-LSCX110 Datasheet
156Kb / 8P
   1 mW 14 Pin DIL Cooled Laser Modules
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
logo
Roithner LaserTechnik G...
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
ZY2000 EUROQUARTZ-ZY2000 Datasheet
75Kb / 1P
   MIL Compliant/14 pin DIL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com