Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSC4110-D4 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # LSC4110-D4
Description  1 mW 14 Pin DIL Cooled Laser Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-D4 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  LSC4110-D4 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-D4 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-D4 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-D4 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-D4 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-D4 Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-D4 Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-D4 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
466
P
FIBER PIGTAIL
G
∅T
C
J
DIM.
MIN.
MAX.
A
B
C
D
E
F
G
H
I
29.85
20.65
12.45
9.05
1.40
4.90
5.45
2.54 NOM.
0.38 NOM.
30.15
20.95
12.75
9.35
1.60
6.10
5.75
ALL DIMENSIONS IN MILLIMETERS
DIM.
MIN.
MAX.
J
K
L
M
N
P
R
S
∅T
0.25 NOM.
19.05 NOM.
30.00 NOM.
1000
4.05
5.25
8.85
25.85
1.90
4.35
5.55
9.15
26.15
2.10
A
S
B
R
F
D
I
H
E
N
M
L
K
LSC4110 Mechanical Outline


Similar Part No. - LSC4110-D4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSC4L HONEYWELL-LSC4L Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSC4110-D4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
logo
OKI electronic componet...
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com