Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEAPER-48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEAPER-48
Description  HANDY UNIIVERSALL WRIITER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEAPER-48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEAPER-48 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LEAP ELECTRONIC CO., LTD.
High performance, low cost ,small , light , portable
and professional design.
Use USB interface to link with PC.
Support low voltage components up to 2.5V.
User-selectable verify Vcc with one or two-
pass verify voltage.
Support FLASH/EPROM device speedy pro-
gramming function.It takes 30 seconds to pro-
cess one piece of 16M bits FLASH memory.
It has the simple operation software, the program-
ming procedure had been modify into few au-
tomatic process function.
Universal converters for virtually all devices in one
package.
Automatic detect the device pin insertion and
contact check,powerful graph showing the situ-
ation for device.
Device socket
48-pin ZIF (Zero Insertion Force)
socket accepts both 200-600 mil DIP devices
up to 48 pins.
Communications interface
USB Version 1.1
DC/AC Characteristics
Signal Voltage:2.5V- 5.0V
Vcc Voltage:1.0V-10.0V 500mA
Vpp,Vhh Voltage:1.0V-25.5V500mA
Clock Frequency:0Hz-48MHz
Automatic Procedure
Project: Automatic the history of IC vendor,
type number,file and procedure.
Automatic process:Select type, Load, Erase,
Check,Program, Verify, Security.
Copy: Copy device data directly.Automatic
process Select type, Read,Confirm,
Check, Program, Verify, Security.
Data file format
JEDEC, Binary, intel80/86 HEX Motorola Hex,
Tektronic Hex Automatic file format detection
and conversion.
Operating System:
Windows 9X / ME / 2000/ NT / XP .
Processor: Pentium II.
32 MB RAM minimum, 64MB recommended.
Hard disk with 30MB free space.
Weight:0.5kgs
Dimensions:16cm
11cm
4.5cm
Temperature:+5
to 45
Humidity: up to 90% non-condensing
LEAPER-48 HANDY UNIVERSAL WRITER
HANDY UNIVERSAL WRITER
EPROMs,EEPROMs,FLASH EPROMs Serial E/EPROMs,
NV RAMs, Microcontrollers, DSP, PLDs ......
Main unit
USB Cable
Operation software on CD-ROM
Power adaptor: 90-260VAC auto-switching
DC input: 12V/2A
Frequency : 47 to 63Hz
Power consumption: 24W (max. )
( per 89/336/EEC )
EN55022 Class A
EN50082-1
IEC801-3
IEC801-2
IEC801-4
IC adaptors : SOP, TSOP, SSOP,
VSOP, SDIP, PLCC, QFP, uBGA ....


Similar Part No. - LEAPER-48

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAP1MS OSRAM-LEAP1MS Datasheet
1Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 0.1 2022-09-26
LEAP1MS-RQRU-2 OSRAM-LEAP1MS-RQRU-2 Datasheet
1Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 0.1 2022-09-26
LEAP1W OSRAM-LEAP1W Datasheet
786Kb / 21P
   Projection
LEAP1W-RXRZ-23 OSRAM-LEAP1W-RXRZ-23 Datasheet
786Kb / 21P
   OSTAR High Power Projection
LEAP2W OSRAM-LEAP2W Datasheet
873Kb / 20P
   Projection
More results

Similar Description - LEAPER-48

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100 COPAL-PG-100 Datasheet
1Mb / 3P
   HANDY MANOMETER
PG-100N COPAL-PG-100N Datasheet
143Kb / 5P
   HANDY MANOMETER
PG-100B COPAL-PG-100B Datasheet
289Kb / 5P
   HANDY MANOMETER
logo
Hitachi Semiconductor
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF0140 HITACHI-PF0140 Datasheet
246Kb / 7P
   MOSFET POWER AMPLIFIER MODULE FOR GSM HANDY PHONE
logo
List of Unclassifed Man...
PLD-28 ETC2-PLD-28 Datasheet
33Kb / 1P
   Provided in a handy dispenser for convenience and label protection
logo
Schneider Electric
ZBRM22B0 SCHNEIDER-ZBRM22B0 Datasheet
125Kb / 4P
   wireless and battery less handy box, 2 double action buttons
Feb 3, 2022
logo
Hitachi Semiconductor
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for PCS 1900 Handy Phone
logo
Schneider Electric
ZBRM21B0 SCHNEIDER-ZBRM21B0 Datasheet
120Kb / 4P
   wireless and battery less handy box, 1 double action button
Feb 3, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com