Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMV4809DC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NMV4809DC
Description  3kVDC Isolated 1W Single Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMV4809DC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NMV4809DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMV4809DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMV4809DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMV4809DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NMV 24V & 48V Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_NMVC2.G01 Page 3 of 4
All enquiries: www.murata-ps.com/support
www.murata-ps.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Single output variants
Dual output variants
14 Pin DIP
7 Pin SIP
14 Pin DIP
7 Pin SIP
Pin
Function
Pin
Function
Pin
Function
Pin
Function
1-VIN
1+VIN
1-VIN
1+VIN
7NC
2
-VIN
7NC
2
-VIN
8+VOUT
5-VOUT
8+VOUT
5-VOUT
10
-VOUT
7+VOUT
9OV
6
OV
14
+VIN
10
-VOUT
7+VOUT
14
+VIN
0.77 (19.50)
0.386
(9.80)
0.268
(6.80)
0.022 (0.55)
0.018 (0.45)
0.6 (15.24)
0.084
(2.13)
0.3
(7.62)
0.118 (0.30)
0.0079 (0.20)
0.043
(1.09)
0.181 (4.60)
0.142 (3.60)
0.1 (2.54)
1
7
14
10 9* 8
1 2
5 6*
7
XYYWWi
NMV2405DC
0.77 (19.50)
0.236
(6.00)
0.394
(10.00)
0.181 (4.60)
0.142 (3.60)
0.0118 (0.30)
0.0079 (0.20)
0.6 (15.24)
0.049 (1.25)
0.074±0.02 (1.88±0.50)
0.0216 (0.55)
0.0177 (0.45)
0.1 (2.54)
NMV2415SC
XYYWWi
0.0216 (0.55)
0.0177 (0.45)
0.303 (7.70) for 48V variants
0.300 (7.50) for 48V variants
* Pin not fitted on single output variants.
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 2.11g (DIP and SIP)
DIP package
SIP package


Similar Part No. - NMV4809DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV4809D CANDD-NMV4809D Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
NMV4809DA CANDD-NMV4809DA Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
More results

Similar Description - NMV4809DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com