Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5781 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5781
Description  UHF ASK/FSK Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5781 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5781_14 Datasheet HTML 4Page - ATMEL Corporation ATA5781_14 Datasheet HTML 5Page - ATMEL Corporation ATA5781_14 Datasheet HTML 6Page - ATMEL Corporation ATA5781_14 Datasheet HTML 7Page - ATMEL Corporation ATA5781_14 Datasheet HTML 8Page - ATMEL Corporation ATA5781_14 Datasheet HTML 9Page - ATMEL Corporation ATA5781_14 Datasheet HTML 10Page - ATMEL Corporation ATA5781_14 Datasheet HTML 11Page - ATMEL Corporation ATA5781_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ATA5781/ATA5782/ATA5783 [SUMMARY DATASHEET]
9286FS–RKE–08/14
8
The impedance of the SAW filter is transformed with LC matching circuits to the SPDT_ANT port and also to the antenna. An
external crystal, together with the fractional-N PLL within the Atmel® ATA5781/2/3 is used to fix the RX frequency. Accurate
load capacitors for this crystal are integrated, to reduce system part count and cost. Only three supply blocking capacitors
are needed to decouple the different supply voltages AVCC, DVCC and VS of the Atmel ATA5781/2/3. The exposed die pad
is the RF and analog ground of the Atmel ATA5781/2/3. It is directly connected to AGND via a fused lead. For applications
operating in the 868.3MHz or 915MHz frequency bands, a High-Band RF input is supplied, RFIN_HB, and must be used
instead of RFIN_LB. The Atmel ATA5781/2/3 is controlled using specific SPI commands via the SPI interface and an internal
EEPROM for application specific configuration. This application is compatible to the Atmel ATA5831/2/3, therefore, the same
application board can be used for both devices, just the population of the TX path is not required for the Atmel ATA5781/2/3..
2.
System Functional Description
2.1
Overview
2.1.1
Service-based Concept
The Atmel ATA5781/2/3 is a highly configurable UHF receiver. The configuration is stored in an internal 1024-byte
EEPROM. The master system control is performed by firmware. General chip-wide settings are loaded from the EEPROM to
hardware registers during system initialization. During start-up of a receive mode the specific settings are loaded from the
EEPROM or SRAM to the current service in the SRAM and from there to the corresponding hardware registers.
A complete configuration set of the receiver is called “service” and includes RF settings, demodulation settings, and
telegram handling information. Each service contains three channels which differ in the RF receive frequencies.
The Atmel ATA5781/2/3 supports five services which can be configured in various ways to meet customer requirements.
Three service configurations are located in the EEPROM space. They are fixed configurations which should not be changed
during runtime.
Two service configurations are located in the SRAM space and can be modified by USER SW in a Flash application or by an
SPI command during IDLEMode.
A service consists of
One service-specific configuration part
Three channel-specific configuration parts
Further configurations for PollingMode and RSSI are available and can be modified in IDLEMode via an SPI command
and/or User SW.
Figure 2-1 on page 9 gives an overview on the service based-concept.


Similar Part No. - ATA5781_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5781 ATMEL-ATA5781 Datasheet
1Mb / 20P
   AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
More results

Similar Description - ATA5781_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com