Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5795C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA5795C
Description  Embedded AVR Microcontroller Including RF Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5795C Datasheet(HTML) 6 Page - ATMEL Corporation

  ATA5795C_14 Datasheet HTML 1Page - ATMEL Corporation ATA5795C_14 Datasheet HTML 2Page - ATMEL Corporation ATA5795C_14 Datasheet HTML 3Page - ATMEL Corporation ATA5795C_14 Datasheet HTML 4Page - ATMEL Corporation ATA5795C_14 Datasheet HTML 5Page - ATMEL Corporation ATA5795C_14 Datasheet HTML 6Page - ATMEL Corporation ATA5795C_14 Datasheet HTML 7Page - ATMEL Corporation ATA5795C_14 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ATA5795C [DATASHEET]
9182DS–RKE–04/14
6
3.
Package Information
2.
Ordering Information
Extended Type Number
Package
Remarks
ATA5795C-PNQW
QFN32 - 5x5
Pb-free
Package Drawing Contact:
packagedrawings@atmel.com
GPC
DRAWING NO.
REV.
TITLE
6.543-5124.01-4
3
09/07/11
Package: VQFN_5x5_32L
Exposed pad 3.6x3.6
COMMON DIMENSIONS
(Unit of Measure = mm)
MIN
NOM
NOTE
MAX
Symbol
Standard Singulation process
Dimensions in mm
specifications
according to DIN
technical drawings
0.02
0.05
0.0
A1
55.1
4.9
E
0.23
0.3
0.16
b
0.5 BSC
e
0.4
0.5
0.3
L
3.6
3.75
3.45
E2
3.6
3.75
3.45
D2
55.1
4.9
D
0.2
0.25
0.15
A3
0.9
1
0.8
A
Top View
D
32
1
8
PIN 1 ID
b
Z 10:1
Side View
Bottom View
D2
e
32
25
9
17
24
16
8
1
Z


Similar Part No. - ATA5795C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5795 ATMEL-ATA5795 Datasheet
324Kb / 8P
   AES-128 Immobilizer Transponder for Use in Contactless Mode
ATA5795-PNQW ATMEL-ATA5795-PNQW Datasheet
324Kb / 8P
   AES-128 Immobilizer Transponder for Use in Contactless Mode
More results

Similar Description - ATA5795C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
   Embedded AVR Microcontroller Including RF Transmitter
ATA5790N ATMEL-ATA5790N_14 Datasheet
376Kb / 8P
   Embedded AVR Microcontroller Including Complete LF
ATA6286C ATMEL-ATA6286C_14 Datasheet
9Mb / 183P
   Embedded AVR Microcontroller with LF Receiver and UHF Transmitter
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AVR32AP ATMEL-AVR32AP Datasheet
1Mb / 181P
   32-bit AVR Microcontroller
ATTINY20 ATMEL-ATTINY20_14 Datasheet
4Mb / 219P
   8-bit AVR Microcontroller
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
4Mb / 85P
   8-bit AVR Microcontroller
ATTINY24A ATMEL-ATTINY24A_14 Datasheet
4Mb / 85P
   8-bit AVR Microcontroller
logo
Infineon Technologies A...
PMA51XX INFINEON-PMA51XX Datasheet
5Mb / 202P
   RF Transmitter ASK/FSK 315/434/868/915 MHz, Embedded 8051 Microcontroller, 10-bit ADC
Revision 2.1, 2010-06-02
logo
Bridgetek Pte Ltd.
FT900 BRIDGETEK-FT900 Datasheet
3Mb / 67P
   Embedded Microcontroller
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com