Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6612C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6612C
Description  8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6612C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6612C_14 Datasheet HTML 5Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 6Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 7Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 8Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 9Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 10Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 11Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 12Page - ATMEL Corporation ATA6612C_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 312 page
background image
9
ATA6612C/ATA6613C [DATASHEET]
9111L–AUTO–11/14
3.3
Functional Description
3.3.1
Physical Layer Compatibility
Since the LIN physical layer is independent from higher LIN layers (e.g., the LIN protocol layer), all nodes with a LIN physical
layer according to revision 2.x can be mixed with LIN physical layer nodes, which are according to older versions (i.e., LIN
1.0, LIN 1.1, LIN 1.2, LIN 1.3), without any restrictions.
3.3.2
Supply Pin (VS)
The LIN operating voltage is VS = 5V to 27V. An under voltage detection is implemented to disable data transmission if VS
falls below VSth < 4V in order to avoid false bus messages. After switching on VS, the IC starts in fail-safe mode, and the
voltage regulator is switched on (i.e., output capability).
The supply current is typically 10µA in sleep mode and 57µA in silent mode.
3.3.3
Ground Pin (GND)
The IC does not affect the LIN bus in the event of GND disconnection. It is able to handle a ground shift up to 11.5% of
versus The mandatory system ground is pin 5.
3.3.4
Voltage Regulator Output Pin (VCC)
The internal voltage regulator is capable of driving loads with up to 85mA. It is able to supply the microcontroller and other
ICs on the PCB and is protected against overloads by means of current limitation and over temperature shut-down.
Furthermore, the output voltage is monitored and will cause a reset signal at the NRES output pin if it drops below a defined
threshold Vthun. To boost up the maximum load current, an external NPN transistor may be used, with its base connected to
the VCC pin and its emitter connected to PVCC.
3.3.5
Voltage Regulator Sense Pin (PVCC)
The PVCC is the sense input pin of the voltage regulator. For normal applications (i.e., when only using the internal output
transistor), this pin is connected to the VCC pin. If an external boosting transistor is used, the PVCC pin must be connected
to the output of this transistor, i.e., its emitter terminal.
3.3.6
Bus Pin (LIN)
A low-side driver with internal current limitation and thermal shutdown and an internal pull-up resistor compliant with the LIN
2.x specification are implemented. The allowed voltage range is between –27V and +40V. Reverse currents from the LIN
bus to VS are suppressed, even in the event of GND shifts or battery disconnection. LIN receiver thresholds are compatible
with the LIN protocol specification. The fall time from recessive to dominant bus state and the rise time from dominant to
recessive bus state are slope controlled.
3.3.7
Input/Output Pin (TXD)
In normal mode the TXD pin is the microcontroller interface used to control the state of the LIN output. TXD must be pulled to
ground in order to have a low LIN-bus. If TXD is high or unconnected (internal pull-up resistor), the LIN output transistor is
turned off, and the bus is in recessive state. During fail-safe mode, this pin is used as output. It is current-limited to < 8mA.
and is latched to low if the last wake-up event was from pin WAKE or KL_15.
3.3.8
TXD Dominant Time-out Function
The TXD input has an internal pull-up resistor. An internal timer prevents the bus line from being driven permanently in
dominant state. If TXD is forced to low for longer than tDOM > 6ms, the LIN-bus driver is switched to recessive state.
To reactivate the LIN bus driver, switch TXD to high (>10µs).
3.3.9
Output Pin (RXD)
The output pin reports the state of the LIN-bus to the microcontroller. LIN high (recessive state) is reported by a high level at
RXD; LIN low (dominant state) is reported by a low level at RXD. The output has an internal pull-up resistor with typically
5k
Ω to VCC. The AC characteristics can be defined with an external load capacitor of 20pF.
The output is short-circuit protected. RXD is switched off in Unpowered mode (i.e., VS = 0V).


Similar Part No. - ATA6612C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
ATA6612P-PLPW ATMEL-ATA6612P-PLPW Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612P-PLQW ATMEL-ATA6612P-PLQW Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
More results

Similar Description - ATA6612C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6613C ATMEL-ATA6613C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
   32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com