Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6826C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6826C
Description  Triple Half-bridge DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6826C Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6826C_14 Datasheet HTML 1Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 2Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 3Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 4Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 5Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 6Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 7Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 8Page - ATMEL Corporation ATA6826C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ATA6826C [DATASHEET]
9213E–AUTO–06/14
4
3.
Functional Description
3.1
Serial Interface
Data transfer starts with the falling edge of the CS signal. Data must appear at DI synchronized to CLK and is accepted on
the falling edge of the CLK signal. LSB (bit 0, SRR) has to be transferred first. Execution of new input data is enabled on the
rising edge of the CS signal. When CS is high, pin DO is in tri-state condition. This output is enabled on the falling edge of
CS. Output data will change their state with the rising edge of CLK and stay stable until the next rising edge of CLK appears.
LSB (bit 0, TP) is transferred first.
Figure 3-1. Data Transfer
Table 3-1.
Input Data Protocol
Bit
Input Register
Function
0
SRR
Status register reset (high = reset; the bits PSF, OPL and SCD in the output data
register are set to low)
1
LS1
Controls output LS1 (high = switch output LS1 on)
2
HS1
Controls output HS1 (high = switch output HS1 on)
3
LS2
See LS1
4
HS2
See HS1
5
LS3
See LS1
6
HS3
See HS1
7
n. u.
Not used
8
n. u.
Not used
9
n. u.
Not used
10
n. u.
Not used
11
n. u.
Not used
12
n. u.
Not used
13
OCS
Overcurrent shutdown (high = overcurrent shutdown is active)
14
n. u.
Not used
15
n. u.
Not used
SRR
LS1
HS1
LS2
HS2
LS3
HS3
n. u.
n. u.
n. u.
n. u.
n. u.
n. u.
OCS
n. u.
n. u.
CS
DI
CLK
DO
TP
S1L
S1H
S2L
S2H
S3L
S3H
n. u.
n. u.
n. u.
n. u.
n. u.
n. u.
SCD
OPL
PSF
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15


Similar Part No. - ATA6826C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826 Datasheet
347Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
ATA6826-TUQY ATMEL-ATA6826-TUQY Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826-TUQY ATMEL-ATA6826-TUQY Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results

Similar Description - ATA6826C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_09 Datasheet
347Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com