Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6831C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA6831C
Description  Triple Half-bridge Driver with SPI and PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6831C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA6831C_14 Datasheet HTML 7Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 8Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 9Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 10Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 11Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 12Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 13Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 14Page - ATMEL Corporation ATA6831C_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
ATA6831C [DATASHEET]
9251D–AUTO–11/12
4.13
Low-side open load
detection current
Input register bit 13
(OLD) = low, output off
VVS = 13V, VOut 1-3 = 13V
2, 12, 15
IOut1-3L
–6
–9
–11
mA
A
4.13a
Low-side open load
detection threshold
level
Input register bit 13
(OLD) = low, output off
VVS = 13V, IOut1-3 =0mA
2, 12, 15 VOut1-3_OLD_LTh
0.5
1.5
2.5
V
A
4.14
Open load detection
current ratio
IOut1-3L/IOut1-3H
2
3
4
4.15
High-side output switch
on delay(1),(2)
VVS = 13V
RLoad =30Ω
tdon
20
µs
A
4.16
Low-side output switch
on delay(1),(2)
VVS = 13V
RLoad =30Ω
tdon
20
µs
A
4.17
High-side output switch
off delay(1),(2)
VVS =13V
RLoad = 30Ω
tdoff
20
µs
A
4.18
Low-side output switch
off delay(1),(2)
VVS =13V
RLoad = 30Ω
tdoff
3
µs
A
4.19
Dead time between
corresponding
high-side and low-side
switches
VVS =13V
RLoad = 30Ω
tdon – tdoff
1
µs
A
4.20
ΔtdPWM
low-side switch(3)
VVS = 13V
RLoad = 30Ω
ΔtdPWM =
tdon – tdoff
20
µs
A
4.21
ΔtdPWM
high-side switch(3)
VVS = 13V
RLoad = 30Ω
ΔtdPWM =
tdon – tdoff
-5
5
µs
A
5
Logic Inputs DI, CLK, CS, PWM
5.1
Input voltage low-level
threshold
3, 4, 5, 6
VIL
0.3
×
VVCC
V
A
5.2
Input voltage high-level
threshold
3, 4, 5, 6
VIH
0.7
×
VVCC
V
A
5.3
Hysteresis of input
voltage
3, 4, 5, 6
ΔVI
50
700
mV
A
5.4
Pull-down current
pins DI, CLK, PWM
VDI, VCLK, VPWM = VVCC
4, 5, 6
IPD
10
65
µA
A
5.5
Pull-up current
pin CS
VCS = 0V
3
IPU
–65
–10
µA
A
8.
Electrical Characteristics (Continued)
7.5V < VVS < 40V; 4.75V < VVCC < 5.25V; INH = High; –40°C < Tj < 150°C; unless otherwise specified, all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes: 1. Delay time between rising edge of input signal at pin CS after data transmission and switch on/off output stages to 90%
of final level. Device not in standby for t > 1ms.
2.
Delay time between rising/falling edge of input signal at pin PWM and switch on/off output stages to 90% of final level.
3.
Difference between switch-on and switch-off delay time of input signal at pin PWM to output stages in PWM mode.


Similar Part No. - ATA6831C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831C-PIQW ATMEL-ATA6831C-PIQW Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
More results

Similar Description - ATA6831C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832C ATMEL-ATA6832C_14 Datasheet
639Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_08 Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com