Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7985ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # A7985ATR
Description  2 A step-down switching regulator for automotive applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A7985ATR Datasheet HTML 4Page - STMicroelectronics A7985ATR Datasheet HTML 5Page - STMicroelectronics A7985ATR Datasheet HTML 6Page - STMicroelectronics A7985ATR Datasheet HTML 7Page - STMicroelectronics A7985ATR Datasheet HTML 8Page - STMicroelectronics A7985ATR Datasheet HTML 9Page - STMicroelectronics A7985ATR Datasheet HTML 10Page - STMicroelectronics A7985ATR Datasheet HTML 11Page - STMicroelectronics A7985ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Electrical characteristics
A7985A
8/44
DocID023128 Rev 5
4
Electrical characteristics
TJ = -40 °C to 125 °C, VCC = 12 V, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Values
Unit
Min.
Typ.
Max.
VCC
Operating input voltage range
4.5
38
V
VCCON
Turn-on VCC threshold
4.5
VCCHYS
VCC UVLO hysteresis
0.1
0.4
RDS(on)
MOSFET on-resistance
200
400
m
ILIM
Maximum limiting current
2.5
3.5
A
Oscillator
FSW
Switching frequency
210
250
275
kHz
VFSW
FSW pin voltage
1.254
V
D
Duty cycle
0
100
%
FADJ
Adjustable switching frequency
RFSW = 33 k
1000
kHz
Dynamic characteristics
VFB
Feedback voltage
4.5 V < VCC < 38 V
0.588
0.6
0.612
V
DC characteristics
IQ
Quiescent current
Duty cycle = 0, VFB = 0.8 V
2.4
mA
IQST-BY
Total standby quiescent current
20
30
A
Enable
VEN
EN threshold voltage
Device OFF level
0.3
V
Device ON level
1.2
IEN
EN current
EN = VCC
7.5
10
µA
Soft-start
TSS
Soft-start duration
FSW pin floating
7.3
8.2
9.8
ms
FSW = 1 MHz, RFSW = 33 k
2
Error amplifier
VCH
High level output voltage
VFB < 0.6 V
3
V
VCL
Low level output voltage
VFB > 0.6 V
0.1
IO SOURCE
Source COMP pin
VFB = 0.5 V, VCOMP = 1 V
19
mA
IO SINK
Sink COMP pin
VFB = 0.7 V, VCOMP = 0.75 V
30
mA
GV
Open loop voltage gain
(1)
100
dB


Similar Part No. - A7985ATR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A798 ETC1-A798 Datasheet
192Kb / 3P
   TRANSISTOR
logo
STMicroelectronics
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
   3 A step-down switching regulator for automotive applications
A7986ATR STMICROELECTRONICS-A7986ATR Datasheet
1Mb / 42P
   3 A step-down switching regulator for automotive applications
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
   61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
DS12928 - Rev 3 - September 2020
A7987TR STMICROELECTRONICS-A7987TR Datasheet
2Mb / 36P
   61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
DS12928 - Rev 3 - September 2020
More results

Similar Description - A7985ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
   2 A step down switching regulator for automotive applications
B5973D_0808 STMICROELECTRONICS-B5973D_0808 Datasheet
768Kb / 12P
   2 A step down switching regulator for automotive applications
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
   3 A step-down switching regulator for automotive applications
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
   Up to 1 A step down switching regulator for automotive applications
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
   Up to 1 A step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com