Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF8N80 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQPF8N80
Description  800V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N80 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQPF8N80 Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 8Page - Fairchild Semiconductor FQPF8N80 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev. A, March 2003
©2003 Fairchild Semiconductor Corporation
048
12
16
20
1.0
1.5
2.0
2.5
3.0
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom: 5.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
246
8
10
10
-1
10
0
10
1
150
oC
25
o
C
-55
oC
※ Notes :
1. V
DS
= 50V
2. 250μ s Pulse Test
V
GS
, Gate-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
010
20
30
40
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
※ Note : I
D
= 8A
Q
G
, Total Gate Charge [nC]
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature


Similar Part No. - FQPF8N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF8N80C FAIRCHILD-FQPF8N80C Datasheet
906Kb / 10P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N80C ISC-FQPF8N80C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF8N80CYDTU FAIRCHILD-FQPF8N80CYDTU_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQPF8N80C FAIRCHILD-FQPF8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
More results

Similar Description - FQPF8N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com