Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2815-4-F3 Datasheet(PDF) 2 Page - NEC

Part # PS2815-4-F3
Description  HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2815-4-F3 Datasheet(HTML) 2 Page - NEC

  PS2815-4-F3 Datasheet HTML 1Page - NEC PS2815-4-F3 Datasheet HTML 2Page - NEC PS2815-4-F3 Datasheet HTML 3Page - NEC PS2815-4-F3 Datasheet HTML 4Page - NEC PS2815-4-F3 Datasheet HTML 5Page - NEC PS2815-4-F3 Datasheet HTML 6Page - NEC PS2815-4-F3 Datasheet HTML 7Page - NEC PS2815-4-F3 Datasheet HTML 8Page - NEC PS2815-4-F3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet P14764EJ1V1DS00
2
PS2815-1,PS2815-4
PACKAGE DIMENSIONS (in millimeters)
M
0.12
1.27
4.4
7.0±0.3
0.5±0.3
1.3
1.27
2.7±0.3
43
12
10.3±0.3
18
16
9
PS2815-1
PS2815-4
M
0.12
4.4
7.0±0.3
0.5±0.3
1.3
4 3
1 2
12
34
56
78
16 15 14 13 12 11 10 9
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
1. 3. 5. 7. Anode, Cathode
2. 4. 6. 8. Cathode, Anode
9. 11. 13. 15. Emitter
10. 12. 14. 16. Collector
0.4±0.1
0.4±0.1
MARKING
15
503
Assembly lot
5 03
Serial Code in week
Assembly Year
Last number of type No. : 15
PS2815-1
N 5 03
Serial Code in week
Assembly Year
CTR Rank Name
Company & Country Name
Type Number
Assembly lot
No. 1 pin
Mark
PS2815-4
N 503
PS2815-4
JAPAN


Similar Part No. - PS2815-4-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2815-4-F3 CEL-PS2815-4-F3 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-4-F3 RENESAS-PS2815-4-F3 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-4-F3 RENESAS-PS2815-4-F3 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2815-4-F3-A CEL-PS2815-4-F3-A Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS2815-4-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
   HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2815-1 CEL-PS2815-1 Datasheet
413Kb / 12P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com