Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS1M-L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FS1M-L
Description  1 Amp Fast Recovery Silicon Rectifier Silicon Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FS1M-L Datasheet(HTML) 2 Page - Micro Commercial Components

  FS1M-L Datasheet HTML 1Page - Micro Commercial Components FS1M-L Datasheet HTML 2Page - Micro Commercial Components FS1M-L Datasheet HTML 3Page - Micro Commercial Components FS1M-L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FS1A
-L thru FS1M-L
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
150
25
50
75
100
0
.2
.4
.6
.8
1.0
1.2
1.4
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
1.6
1.8
2.0
2.2
2.4
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pF
versus
Reverse Voltage - Volts
pF
Volts
60
40
4
400
1000
TJ=25
°C
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.6
.8
10
1.2
1.4
1.6
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
MCC
Revision: D
2013/08/20
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - FS1M-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FS1M-L MCC-FS1M-L Datasheet
191Kb / 4P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1M-L MCC-FS1M-L Datasheet
233Kb / 4P
   Silicon Rectifier 50 to 1000 Volts 1 Amp Fast Recovery
logo
Dialog Semiconductor
FS1M-LTP DIALOG-FS1M-LTP Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
FS1M-LTP DIALOG-FS1M-LTP Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
FS1M-LTP DIALOG-FS1M-LTP Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results

Similar Description - FS1M-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER1A MCC-ER1A_06 Datasheet
263Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
logo
Central Semiconductor C...
CBR1F-D020S CENTRAL-CBR1F-D020S_10 Datasheet
408Kb / 2P
   SURFACE MOUNT 1 AMP FAST RECOVERY SILICON BRIDGE RECTIFIER
CMR1S-01 CENTRAL-CMR1S-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 1 AMP
logo
Micro Commercial Compon...
ER1VG MCC-ER1VG Datasheet
658Kb / 1P
   1 Amp Super Fast Recovery Silicon Rectifier 1400 Volts
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
   1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR1A MCC-FR1A Datasheet
622Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1A MCC-FS1A_11 Datasheet
234Kb / 4P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR1Q MCC-FR1Q Datasheet
353Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 1200 to 2000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com