Electronic Components Datasheet Search
Selected language     English  ▼


J0018D21ENL Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part No. J0018D21ENL
Description  RoHS peak wave solder temperature rating 260C
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 6 page
background image
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* Using an internal resistor within the LED increases the voltage rating of the
diode from 2.5 V to 5.0 V (assumes bias current = 20 mA).
J0 Series Electrical Schematics (continued)
����������������������������������������������
�������
�������
�������
�������
�������
������
�������
�������
������
�������
���������
��������
�������
�������
�������
������������������������������������
������������������������������������������
����������
�������������������������������������
��
��
��
��
TD+
PCB CT
TD–
1 : 1
1 : 1
TRANSMIT
RECEIVE
RX –
RD –
RD + 2
3
PCB CT
TX –
TX +
1
2
3
6
4
5
7
8
75
75
75
75
5
4
1
0.001 µF
RX +
CABLE
CABLE
8
6
7
LED Configuration
PulseJackTM
1x1 Tab-DOWN RJ45
J0035
J0073
www.pulseelectronics.com
6
J403.J (3/11)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. Pulse and the Squarewave logo are trademarks of Pulse Electronics
Corporation, registered in the U.S. and other countries. © Copyright, 2011. Pulse Electronics Corporation. All rights reserved.
For More Information:
Pulse
North American
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
32667
TEL: 886 3 4643715
FAX: 886 3 4641911
Pulse China
Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
TEL: 86 21 32181071
FAX: 86 21 32181396
Pulse European
Headquarters
Einsteinstrasse 1
D-71083 Herrenberg
Germany
TEL: 49 7032 7806 0
FAX: 49 7032 7806 12




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl