Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSMF1JTR510 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RSMF1JTR510
Description  Lower-cost alternative to carbon comps and wirewounds
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSMF1JTR510 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RSMF1JTR510 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSMF1JTR510 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSMF1JTR510 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSMF1JTR510 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev Date: 11/03/2014
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF/RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
10,000
1,000
100
10
1
1
1
μ
10
μ
100
μ
1m
10m
100m
Pulse Width (sec.)
48
32
16
8
RSMF3
RSMF2
RSMF1
RSMF12
110
66
37
18
250
135
84
42
560
270
190
95
1,300
560
440
215
1,300
560
440
215
1,300
560
440
215
10,000
1,000
100
10
1
1
1
μ
10
μ
100
μ
1m
10m
100m
Pulse Width (sec.)
48
32
16
8
RSMF3
RSMF2
RSMF1
RSMF12
1,500
1,000
700
400
1,500
1,000
700
400
1,500
1,000
700
400
800
420
300
150
300
180
115
56
130
76
43
21
Pulse Limiting Power (One Pulse) / RSMF Series ≤ 5Ω
Pulse Limiting Power (One Pulse) / RSMF Series ≥ 5Ω


Similar Part No. - RSMF1JTR510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSMF1JTR200 ETC2-RSMF1JTR200 Datasheet
209Kb / 4P
   Lower-cost alternative to carbon comps and wirewounds
logo
Stackpole Electronics, ...
RSMF1JTR220 SEI-RSMF1JTR220 Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
RSMF1JTR470 SEI-RSMF1JTR470 Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
More results

Similar Description - RSMF1JTR510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSMF1JTR200 ETC2-RSMF1JTR200 Datasheet
209Kb / 4P
   Lower-cost alternative to carbon comps and wirewounds
logo
DB Lectro Inc
1E-12G DBLECTRO-1E-12G Datasheet
598Kb / 2P
   A low cost alternative to memory inspection systems.
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
   Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
   The cost effective EMI suppression alternative
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
TT Electronics.
DIV23 TTELEC-DIV23 Datasheet
510Kb / 3P
   Superior alternative to matched sets
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
   Low Resistance Power Wirewounds
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com