Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGR2622 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # RGR2622
Description  Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

RGR2622 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  RGR2622 Datasheet HTML 1Page - Agilent(Hewlett-Packard) RGR2622 Datasheet HTML 2Page - Agilent(Hewlett-Packard) RGR2622 Datasheet HTML 3Page - Agilent(Hewlett-Packard) RGR2622 Datasheet HTML 4Page - Agilent(Hewlett-Packard) RGR2622 Datasheet HTML 5Page - Agilent(Hewlett-Packard) RGR2622 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
410
Optical Parameters (–40
°C to +85°C)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Note
Wavelength
-
1200
-
1600
nm
-
Receiver Sensitivity
-
-
–33.5
–31
dBm
1
Maximum Input Power
-
–4
-
-
dBm
-
Alarm ON
-
–40
-
–30
dBm
-
Hysteresis
-
1
-
6
dB
-
Alarm Response Time
-
-
-
600
µS-
Reliability Target
-
-
-
2000
FIT
-
Fiber Parameters
Fiber Pigtail
Typical
Units
Core Diameter
50
microns
Cladding Diameter
125
microns
Secondary Coating Diameter
900
microns
Jitter Tolerance
ITU G.958 Compliant
Jitter Transfer
ITU G.958 Compliant
Jitter Generation
ITU G.958 Compliant
Note:
1. At a BER of 1 x 10-10, 223-1 PRBS pattern NRZ data at the line rate with 10:1 extinction ratio. EOL.


Similar Part No. - RGR2622

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
RGR0354C-A PANASONIC-RGR0354C-A Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
RGR0354C-B PANASONIC-RGR0354C-B Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
RGR1551-DN HP-RGR1551-DN Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
RGR1551-FP HP-RGR1551-FP Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
More results

Similar Description - RGR2622

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
RCV1551 HP-RCV1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807_15 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com