Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V150LT10A Datasheet(PDF) 1 Page - Littelfuse

Part # V150LT10A
Description  Varistor Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V150LT10A Datasheet(HTML) 1 Page - Littelfuse

  V150LT10A Datasheet HTML 1Page - Littelfuse V150LT10A Datasheet HTML 2Page - Littelfuse V150LT10A Datasheet HTML 3Page - Littelfuse V150LT10A Datasheet HTML 4Page - Littelfuse V150LT10A Datasheet HTML 5Page - Littelfuse V150LT10A Datasheet HTML 6Page - Littelfuse V150LT10A Datasheet HTML 7Page - Littelfuse V150LT10A Datasheet HTML 8Page - Littelfuse V150LT10A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2
Varistor Products
67
www .littelfuse .com
LA Varistor Series
Line Voltage Operation, Radial Lead
The LA Series of transient voltage surge suppressors are radial-lead
varistors (MOVs) that are designed to be operated continuously across
AC power lines. These UL recognized varistors require very little
mounting space, and are offered in various standard lead form options.
The LA Series varistors are available in four model sizes: 7mm, 10mm,
14mm and 20mm; and have a VM(AC)RMS voltage range from 130V
to 1000V, and an energy absorption capability up to 360J. Some LA
series model numbers are available with clamping voltage selections,
designated by a model number suffix of either A or B. The “A” selection is
the standard model; the “B” selection provides a lower clamping voltage.
See LA Series Device Ratings and Specifications table for part number
and brand information.
Features
• Energy Absorption Capability (WTM) . . .. .. .... ... .... ... Up to 360J
• Wide Operating Voltage Range
VM(AC)RMS .. .... ... .... ... .... .... ... .... ... ...130V to 1000V
• No Derating Up to 85oC Ambient
• Available in Tape and Reel or Bulk Pack
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories. Certified by CSA, VDE and CECC.
AGENCY FILE NUMBERS: UL E75961, E56529, E135010; CSA
LR91788; VDE 116895E; CECC 42201-006.
ALSO SEE LITTELFUSE ULTRAMOV
AND C-III VARISTOR SERIES
®
®
V
D
E


Similar Part No. - V150LT10A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V150LA1 LITTELFUSE-V150LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V150LA1 LITTELFUSE-V150LA1 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA1 LITTELFUSE-V150LA1 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V150LA1 LITTELFUSE-V150LA1 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
More results

Similar Description - V150LT10A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8RA8 LITTELFUSE-V8RA8 Datasheet
117Kb / 8P
   Varistor Products - Low Profile
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com