Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR24E6HB Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFBR24E6HB
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR24E6HB Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFBR24E6HB Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR24E6HB Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
47
HFBR-0400 Series Part Number Guide
HFBR X4XXaa
1 = Transmitter
Option T (Threaded Port Option)
2 = Receiver
Option C (Conductive Port Receiver Option)
Option M (Metal Port Option)
4 = 820 nm Transmitter and
Option K (Kinked Lead Option)
Receiver Products
TA = Square pinout/straight lead
TB = Square pinout/bent leads
0 = SMA, Housed
HA = Diamond pinout/straight leads
1 = ST, Housed
HB = Diamond pinout/bent leads
2 = FC, Housed
E = SC, Housed
2 = Tx, Standard Power
3 = SMA Port, 90 deg. Bent Leads
4 = Tx, High Power
4 = ST Port, 90 deg. Bent Leads
2 = Rx, 5 MBd, TTL Output
5 = SMA Port, Straight Leads
6 = Rx, 125 MHz, Analog Output
6 = ST Port, Straight Leads
LINK SELECTION GUIDE
Data Rate (MBd)
Distance (m)
Transmitter
Receiver
Fiber Size (
µm) Evaluation Kit
5
1500
HFBR-14X2
HFBR-24X2
200 HCS
N/A
5
2000
HFBR-14X4
HFBR-24X2
62.5/125
HFBR-04X0
20
2700
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0414,
HFBR-0463
32
2200
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0414
55
1400
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0414
125
700
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0416
155
600
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0416
175
500
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0416
For additional information on specific links see the following individual link descriptions. Distances measured over temperature range
from 0 to 70
°C.
Applications Support
Guide
This section gives the designer
information necessary to use the
HFBR-0400 series components to
make a functional fiber-optic
transceiver. HP offers a wide
selection of evaluation kits for
hands-on experience with fiber-
optic products as well as a wide
Application Literature
Title
Description
HFBR-0400 Series
Transmitter & Receiver Reliability Data
Reliability Data
Application Bulletin 73
Low Cost Fiber Optic Transmitter & Receiver Interface Circuits
Application Bulletin 78
Low Cost Fiber Optic Links for Digital Applications up to 155 MBd
Application Note 1038
Complete Fiber Solutions for IEEE 802.3 FOIRL, 10Base-FB and 10 Base-FL
Application Note 1065
Complete Solutions for IEEE 802.5J Fiber-Optic Token Ring
Application Note 1073
HFBR-0319 Test Fixture for 1X9 Fiber Optic Transceivers
Application Note 1086
Optical Fiber Interconnections in Telecommunication Products
range of application notes com-
plete with circuit diagrams and
board layouts. Furthermore, HP’s
application support group is
always ready to assist with any
design consideration.


Similar Part No. - HFBR24E6HB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR2521 HP-HFBR2521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2522 HP-HFBR2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2523 HP-HFBR2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2524 HP-HFBR2524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2525 HP-HFBR2525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR24E6HB

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com