Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR840 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR840
Description  ULTRAFAST PLASTIC RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR840 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MUR840 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR840 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR840 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR840 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR840 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N275, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MUR840
MUR840 ULTRAFAST PLASTIC RECTIFIER
Applications:
Switching Power Supply
Power Switching Circuits
General Purpose
Features:
Utra-Fast Switching
High Current Capability
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability Classification 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm
TO-220AC


Similar Part No. - MUR840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR840 MOTOROLA-MUR840 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
DONGGUAN YOU FENG WEI E...
MUR840 YFWDIODE-MUR840 Datasheet
1Mb / 4P
   ULTRAFST RECOVERY RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
MUR840 YENYO-MUR840 Datasheet
837Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
logo
Frontier Electronics.
MUR840 FRONTIER-MUR840 Datasheet
1Mb / 2P
   8 Amp Ultra Fast Glass Passivated Rectifier 400 to 1000 Volts
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
   8A, 400V - 600V Ultrafast Diodes
More results

Similar Description - MUR840

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com