Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMT5370A-622-SC Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # XMT5370A-622-SC
Description  622 Mb/s Logic Interface Laser Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5370A-622-SC Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  XMT5370A-622-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 8Page - Agilent(Hewlett-Packard) XMT5370A-622-SC Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
446
ALL DIMENSIONS IN MILLIMETERS
MIN.
NOM.
32.9
16.0
2.6
2.7
400
2.54
0.46
10.16
A
B
C
D
E
F
∅G
H
J
K
L
DIM.
L
E
C
D
F
∅G
B
A
K
H
MAX.
33.2
17.5
16.3
9.27
2.95
3.2
4.64
1220
110
20
11
J
Package Dimensions


Similar Part No. - XMT5370A-622-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370A-155-FP HP-XMT5370A-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370A-155-SC HP-XMT5370A-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370A-155-ST HP-XMT5370A-155-ST Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5370A-622-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com