Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMT5370B-155-ST Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # XMT5370B-155-ST
Description  155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5370B-155-ST Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  XMT5370B-155-ST Datasheet HTML 1Page - Agilent(Hewlett-Packard) XMT5370B-155-ST Datasheet HTML 2Page - Agilent(Hewlett-Packard) XMT5370B-155-ST Datasheet HTML 3Page - Agilent(Hewlett-Packard) XMT5370B-155-ST Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5370B-155-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5370B-155-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
439
Performance Specifications
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Minimum
Nominal
Maximum
Units
Notes
Supply Voltage
-
-
7
V
-
Operating Case Temperature
XMT5370A-155
–40
-
+85
°C-
XMT5370B-155
0
-
+70
°C-
Storage Temperature
–40
-
+85
°C-
Fiber Tensile Strength
10
-
-
N/10s
1
Fiber Bend Radius
32
-
-
mm
-
Lead Soldering (Temperature/Time)
-
-
+260/10
°C/Sec
-
Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Center Wavelength
1261
-
1360
nm
2
Spectral Width (RMS)
-
-
4
nm
2
Average Output Power
–15
–11
–8
dBm
3
Rise Time (10% - 90%)
-
-
2
ns
-
Fall Time (10% - 90%)
-
-
2
ns
-
Extinction Ratio
8.2
-
-
dB
-
Bias Monitor
-
0.1
-
mA/mV
4
Rear Facet Monitor Output
5
-
50
mV
5
Supply Voltage
4.75
5.0
5.5
V
6
Supply Current
-
70
130
mA
7
Tx Disable
VCC –3.2
-
VCC
V-
Output Waveform
SONET/SDH Eyemask Compliant G.957
Notes:
1. In a coaxial direction with fiber feed through.
2. Over operating temperature range. A narrower operating temperature range will result in a smaller center wavelength spread.
Contact Hewlett-Packard for details.
3. Other output power options are available. Contact Hewlett-Packard for details.
4. Common mode signal VEE + 3.5 V nominal.
5. Common mode signal VEE + 1.2 V nominal.
6. With VEE connected to -5 V, VCC must be at 0 V. With VCC at +5 V, VEE must be at 0 V.
7. End of life at Tmax.


Similar Part No. - XMT5370B-155-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370B-622-FP HP-XMT5370B-622-FP Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370B-622-SC HP-XMT5370B-622-SC Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370B-622-ST HP-XMT5370B-622-ST Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
More results

Similar Description - XMT5370B-155-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370-622 HP-XMT5370-622 Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
logo
NXP Semiconductors
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
PMC-Sierra, Inc
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
   155 Mb/s SATURN User Network Interface
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
   155 Mb/s SATURN User Network Interface for LANs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com