Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMT5370B-622-ST Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # XMT5370B-622-ST
Description  622 Mb/s Logic Interface Laser Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5370B-622-ST Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button XMT5370B-622-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 7Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 8Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 9Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 10Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 11Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 12Page - Agilent(Hewlett-Packard) XMT5370B-622-ST Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
450
XMT5360-155 and XMT5160-155 Block Diagram
Functional Description
The ECL input allows operation
from many logic families and
both single-ended or differential
signals. For single-ended
operation both DATA and DATA
are internally tied to a VBB. The
unused input then requires no
connection or biasing.
The disable function disables the
laser bias and modulator. The
switching threshold is VCC –3.2 V.
If this input is not connected the
module is enabled. This input
may be connected to a CMOS HI
or tied to VCC to disable.
The module provides the
necessary bias and modulation
control to maintain the extinction
ratio at better than 10:1 and the
waveform is compliant with
SONET/SDH Eyemask standard
G.957.
The laser bias control loop
compensates for temperature-
induced variations in laser
performance. The bias current
monitor indicates the amount of
dc current supplied to the laser.
(This is approximately the laser
threshold current).
The rear facet monitor is a signal
proportional to the laser output
power. This can be used as part
of a HI/LO light alarm.
In the absence of data the laser
will emit a mean optical power
within the specified limits. The
extinction ratio and duty cycle
distortion are specified assuring a
50% duty cycle at the correct
data rate.
ECL
INPUT
LASER
MODULATOR
LASER
BIAS
DRIVER
LASER
BIAS
CONTROL
DATA
DATA
LASER
PHOTODIODE
(REAR FACET
MONITOR)
DISABLE
LASER BIAS
MONITOR
REAR FACET
MONITOR


Similar Part No. - XMT5370B-622-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370B-155-FP HP-XMT5370B-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370B-155-SC HP-XMT5370B-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370B-155-ST HP-XMT5370B-155-ST Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5370B-622-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com