Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT1442-BI-FP Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # PDT1442-BI-FP
Description  Pigtailed PIN Photodiodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDT1442-BI-FP Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  PDT1442-BI-FP Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDT1442-BI-FP Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDT1442-BI-FP Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDT1442-BI-FP Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDT1442-BI-FP Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
513
Ordering Information
PDT1 X 4 X-X X-X X
Connector Type:
FP = FC/PC
ST = ST®
BI = Biconic
SC = SC
DN = DIN
D4 = D4
SF = Super Polish FC/PC
TO to Mount Connection:
I = Isolated (Default if not specified)
S = Shorted
Flange Type:
A = 2 hole panel mount, 13.4 mm between centers
B = Barrel
D = 2 hole PCB mount, 12.7 mm between centers
G = 2 hole PCB mount, 14.0 mm between centers
Pin Out:
Options shown on Page 4
Device Type:
3 = 50
µm Photodiode
4 = 90
µm Photodiode
Fiber Type:
1 = 50/125 Fiber
Options available for single mode and 62.5/125 fibers
Preferred Options:
PDT1346-DI
PDT1441-DI
PDT1442-AS
PDT1442-BI
PDT1442-DI
PDT1446-DI
Additional options are available to meet your specific needs. Please contact your local representative for
details.
ST® is a Registered Trademark of AT&T.


Similar Part No. - PDT1442-BI-FP

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10016 NIEC-PDT10016 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10016 NIEC-PDT10016 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
More results

Similar Description - PDT1442-BI-FP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDA2446 HP-PDA2446 Datasheet
267Kb / 8P
   Analog Pigtailed PIN Photodiodes
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com