Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA8515 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA8515
Description  UHF ASK/FSK Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8515 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA8515_14 Datasheet HTML 5Page - ATMEL Corporation ATA8515_14 Datasheet HTML 6Page - ATMEL Corporation ATA8515_14 Datasheet HTML 7Page - ATMEL Corporation ATA8515_14 Datasheet HTML 8Page - ATMEL Corporation ATA8515_14 Datasheet HTML 9Page - ATMEL Corporation ATA8515_14 Datasheet HTML 10Page - ATMEL Corporation ATA8515_14 Datasheet HTML 11Page - ATMEL Corporation ATA8515_14 Datasheet HTML 12Page - ATMEL Corporation ATA8515_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
ATA8510/ATA8515 [SUMMARY DATASHEET]
9315CS–INDCO–09/14
2.
System Functional Description
2.1
Overview
2.1.1
Service-based Concept
The Atmel® ATA8510/15 is a highly configurable UHF transceiver. The configuration is stored in an internal 1024-byte
EEPROM. The master system control is performed by firmware. General chip-wide settings are loaded from the EEPROM to
hardware registers during system initialization. During start-up of a transmit or receive mode the specific settings are loaded
from the EEPROM or SRAM to the current service in the SRAM and from there to the corresponding hardware registers.
A complete configuration set of the transceiver is called “service” and includes RF settings, demodulation settings, and
telegram handling information. Each service contains three channels which differ in the RF receive or transmit frequencies.
The Atmel ATA8510/15 supports five services which can be configured in various ways to meet customer requirements.
Three service configurations are located in the EEPROM space. They are fixed configurations which should not be changed
during runtime.
Two service configurations are located in the SRAM space and can be modified by USER SW in a Flash application or by an
SPI command during IDLEMode.
A service consists of
One service-specific configuration part
Three channel-specific configuration parts
Further configurations for PollingMode and RSSI are available and can be modified in IDLEMode via an SPI command
and/or User SW.
Figure 2-1 gives an overview on the service based-concept.
Figure 2-1. Service-based Concept Overview
EEPROM
System
Initialization
Channel 0
Channel 1
Channel 2
EEPROM Polling Configuration
eepPollLoopConf
Service 0
eepServices [0]
Channel 0
Channel 1
Channel 2
Service 1
eepServices [1]
Channel 0
Channel 1
Channel 2
Service 2
eepServices [2]
Channel
Atmel ATA8510/15 Hardware
Service S
currentService
SRAM
SPI
Channel 0
Channel 1
Channel 2
SRAM Polling Configuration
pollConfig
Service 3
sramServices [0]
Channel 0
Channel 1
Channel 2
Service 4
sramServices [1]
RSSI Threshold Configuration
for Each Channel
rssiThreshold [][]


Similar Part No. - ATA8515_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8515 ATMEL-ATA8515 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA8515_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK TRANSCEIVER
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com