Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83052AGILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 83052AGILFT
Description  2 1 single-ended multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83052AGILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  83052AGILFT Datasheet HTML 1Page - Integrated Device Technology 83052AGILFT Datasheet HTML 2Page - Integrated Device Technology 83052AGILFT Datasheet HTML 3Page - Integrated Device Technology 83052AGILFT Datasheet HTML 4Page - Integrated Device Technology 83052AGILFT Datasheet HTML 5Page - Integrated Device Technology 83052AGILFT Datasheet HTML 6Page - Integrated Device Technology 83052AGILFT Datasheet HTML 7Page - Integrated Device Technology 83052AGILFT Datasheet HTML 8Page - Integrated Device Technology 83052AGILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ICS83052I REVISION B DECEMBER 8, 2011
5
©2011 Integrated Device Technology, Inc.
ICS83052I Data Sheet
2:1, SINGLE ENDED MULTIPLEXER
TABLE 5B. AC CHARACTERISTICS, V
DD = 3.3V ± 5%, VDDO = 2.5V ± 5%, TA = -40°C TO 85°C
TABLE 5C. AC CHARACTERISTICS, V
DD = 3.3V ± 5%, VDDO = 1.8V ± 5%, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
5
2z
H
M
p
t
H
L
;
h
g
i
H
o
t
w
o
L
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
1
E
T
O
N
3
.
21
.
39
.
3s
n
p
t
L
H
;
w
o
L
o
t
h
g
i
H
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
1
E
T
O
N
3
.
21
.
39
.
3s
n
t
)
i(
k
s
4
E
T
O
N
;
w
e
k
S
t
u
p
n
I
9
16
6s
p
t
)
p
p
(
k
s
4
,
2
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
5
3s
p
t
ti
j
;
S
M
R
,r
e
tt
i
J
e
s
a
h
P
e
v
it
i
d
d
A
r
e
ff
u
B
,
n
o
it
c
e
s
r
e
tt
i
J
e
s
a
h
P
e
v
it
i
d
d
A
o
t
r
e
f
e
r
3
E
T
O
N
,
z
H
M
2
5
.
5
5
1
:
e
g
n
a
R
n
o
it
a
r
g
e
t
n
I
z
H
M
0
2
-
z
H
k
2
1
6
1
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
30
5
8s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
6
44
5%
X
U
M
N
O
I
T
A
L
O
S
I
n
o
it
a
l
o
s
I
X
U
M
5
4B
d
d
e
h
s
il
b
a
t
s
e
s
i
h
c
i
h
w
,
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
o
t
n
e
i
b
m
a
d
e
if
i
c
e
p
s
e
h
t
r
e
v
o
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
l
a
c
ir
t
c
e
l
E
:
E
T
O
N
t
e
e
m
ll
i
w
e
c
i
v
e
d
e
h
T
.
m
p
fl
0
0
5
n
a
h
t
r
e
t
a
e
r
g
w
o
lf
r
i
a
e
s
r
e
v
s
n
a
r
t
d
e
n
i
a
t
n
i
a
m
h
ti
w
t
e
k
c
o
s
t
s
e
t
a
n
i
d
e
t
n
u
o
m
s
i
e
c
i
v
e
d
e
h
t
n
e
h
w
.
s
n
o
it
i
d
n
o
c
e
s
e
h
t
r
e
d
n
u
d
e
h
c
a
e
r
n
e
e
b
s
a
h
m
u
ir
b
il
i
u
q
e
l
a
m
r
e
h
t
r
e
tf
a
s
n
o
it
a
c
if
i
c
e
p
s
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.t
u
p
t
u
o
e
h
t
f
o
2
/
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
a
g
n
it
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
ff
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
if
e
D
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
s
i
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
ti
w
O
D
D
.
2
/
.
k
c
o
l
c
t
u
p
n
i
e
n
o
y
l
n
o
g
n
i
v
ir
D
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
ti
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
if
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
5
2z
H
M
p
t
H
L
;
h
g
i
H
o
t
w
o
L
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
1
E
T
O
N
3
.
26
.
29
.
2s
n
p
t
L
H
;
w
o
L
o
t
h
g
i
H
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
1
E
T
O
N
3
.
26
.
29
.
2s
n
t
)
i(
k
s
4
E
T
O
N
;
w
e
k
S
t
u
p
n
I
3
26
0
1s
p
t
)
p
p
(
k
s
4
,
2
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
5
3s
p
t
ti
j
;
S
M
R
,r
e
tt
i
J
e
s
a
h
P
e
v
it
i
d
d
A
r
e
ff
u
B
,
n
o
it
c
e
s
r
e
tt
i
J
e
s
a
h
P
e
v
it
i
d
d
A
o
t
r
e
f
e
r
3
E
T
O
N
,
z
H
M
2
5
.
5
5
1
:
e
g
n
a
R
n
o
it
a
r
g
e
t
n
I
z
H
M
0
2
-
z
H
k
2
1
4
1
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
6
44
5%
X
U
M
N
O
I
T
A
L
O
S
I
n
o
it
a
l
o
s
I
X
U
M
5
4B
d
d
e
h
s
il
b
a
t
s
e
s
i
h
c
i
h
w
,
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
o
t
n
e
i
b
m
a
d
e
if
i
c
e
p
s
e
h
t
r
e
v
o
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
l
a
c
ir
t
c
e
l
E
:
E
T
O
N
t
e
e
m
ll
i
w
e
c
i
v
e
d
e
h
T
.
m
p
fl
0
0
5
n
a
h
t
r
e
t
a
e
r
g
w
o
lf
r
i
a
e
s
r
e
v
s
n
a
r
t
d
e
n
i
a
t
n
i
a
m
h
ti
w
t
e
k
c
o
s
t
s
e
t
a
n
i
d
e
t
n
u
o
m
s
i
e
c
i
v
e
d
e
h
t
n
e
h
w
.
s
n
o
it
i
d
n
o
c
e
s
e
h
t
r
e
d
n
u
d
e
h
c
a
e
r
n
e
e
b
s
a
h
m
u
ir
b
il
i
u
q
e
l
a
m
r
e
h
t
r
e
tf
a
s
n
o
it
a
c
if
i
c
e
p
s
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.t
u
p
t
u
o
e
h
t
f
o
2
/
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
a
g
n
it
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
ff
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
if
e
D
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
s
i
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
ti
w
O
D
D
.
2
/
.
k
c
o
l
c
t
u
p
n
i
e
n
o
y
l
n
o
g
n
i
v
ir
D
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
ti
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
if
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N


Similar Part No. - 83052AGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83052AGILFT RENESAS-83052AGILFT Datasheet
395Kb / 18P
   2:1, Single-Ended Multiplexer
December 15, 2015
More results

Similar Description - 83052AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83052I RENESAS-83052I Datasheet
395Kb / 18P
   2:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
   2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
   4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
   4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
   6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
   6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com