Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7203 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7203
Description  First-In/First-Out Dual-Port memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7203 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7203 Datasheet HTML 1Page - Integrated Device Technology IDT7203 Datasheet HTML 2Page - Integrated Device Technology IDT7203 Datasheet HTML 3Page - Integrated Device Technology IDT7203 Datasheet HTML 4Page - Integrated Device Technology IDT7203 Datasheet HTML 5Page - Integrated Device Technology IDT7203 Datasheet HTML 6Page - Integrated Device Technology IDT7203 Datasheet HTML 7Page - Integrated Device Technology IDT7203 Datasheet HTML 8Page - Integrated Device Technology IDT7203 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
DSC-2661/12
© 2001 Integrated Device Technology, Inc.
MAY 2001
CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9
8,192 x 9, 16,384 x 9
32,768 x 9, 65,536 x 9
IDT7203
IDT7204
IDT7205
IDT7206
IDT7207
IDT7208
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
COMMERCIAL, MILITARY AND INDUSTRIAL TEMPERATURE RANGES
FEATURES:
••••• First-In/First-Out Dual-Port memory
••••• 2,048 x 9 organization (IDT7203)
••••• 4,096 x 9 organization (IDT7204)
••••• 8,192 x 9 organization (IDT7205)
••••• 16,384 x 9 organization (IDT7206)
••••• 32,768 x 9 organization (IDT7207)
••••• 65,636 x 9 organization (IDT7208)
••••• High-speed: 12ns access time
••••• Low power consumption
— Active: 660mW (max.)
— Power-down: 44mW (max.)
••••• Asynchronous and simultaneous read and write
••••• Fully expandable in both word depth and width
••••• Pin and functionally compatible with IDT720X family
••••• Status Flags: Empty, Half-Full, Full
••••• Retransmit capability
••••• High-performance CMOS technology
••••• Military product compliant to MIL-STD-883, Class B
••••• Standard Military Drawing for #5962-88669 (IDT7203), 5962-89567
(IDT7203), and 5962-89568 (IDT7204) are listed on this function
DESCRIPTION:
The IDT7203/7204/7205/7206/7207/7208 are dual-port memory buffers
with internal pointers that load and empty data on a first-in/first-out basis. The
device uses Full and Empty flags to prevent data overflow and underflow and
expansionlogictoallowforunlimitedexpansioncapabilityinbothwordsizeand
depth.
DataistoggledinandoutofthedevicethroughtheuseoftheWrite(
W)and
Read (
R) pins.
The device's 9-bit width provides a bit for a control or parity at the user’s
option. It also features a Retransmit (
RT)capabilitythatallowsthereadpointer
to be reset to its initial position when
RT is pulsed LOW. A Half-Full Flag is
available in the single device and width expansion modes.
These FIFOs are fabricated using IDT’s high-speed CMOS technology.
They are designed for applications requiring asynchronous and simultaneous
read/writes in multiprocessing, rate buffering and other applications.
Militarygradeproductismanufacturedincompliancewiththelatestrevision
of MIL-STD-883, Class B.
FUNCTIONAL BLOCK DIAGRAM
Industrial temperature range (–40
°C to +85°C) is available
(plastic packages only)
W
WRITE
CONTROL
READ
CONTROL
R
FLAG
LOGIC
EXPANSION
LOGIC
XI
WRITE
POINTER
RAM ARRAY
2,048 x 9
4,096 x 9
8,192 x 9
16,384 x 9
32,768 x 9
65,536 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA OUTPUTS
EF
FF
XO/HF
RS
FL/RT
0
(D -D8)
0
(Q -Q8 )
2661 drw01


Similar Part No. - IDT7203

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT7203 IDT-IDT7203 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72031 IDT-IDT72031 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results

Similar Description - IDT7203

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com