Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E2-X5C1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2E2-X5C1
Description  Long Barrel Inductive Prox
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2-X5C1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2E2-X5C1 Datasheet HTML 1Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 2Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 3Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 4Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 5Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 6Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 7Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 8Page - Omron Electronics LLC E2E2-X5C1 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
E2E2 3-Wire DC
E2E2 3-Wire DC
6
Dimensions
Unit: mm (inch)
J
PRE-WIRED SENSORS
E2E2-X2jj
E2E2-X5Mjj
E2E2-X5jj
E2E2-X10Mjj
Operation indicator
Two clamping nut
Toothed washer
M12 × 1
21 dia.
(0.83)
Operation indicator
Two clamping nut
Toothed washer
9dia.
M12 × 1
M18 × 1
Toothed washer
Two clamping nut
Operation indicator
14.8 dia.
M18 × 1
Toothed washer
Two clamping nut
Operation indicator
Round vinyl-insulated cable
4 dia. (0.08 dia. x 60)
2/3 cores
Standard length: 2 m
Round vinyl-insulated cable
4 dia. (0.08 dia. x 60)
2/3 cores
Standard length: 2 m
Round vinyl-insulated cable
6 dia. (0.12 dia. x 45)
2/3 cores
Standard length: 2 m
Round vinyl-insulated cable
6 dia. (0.12 dia. x 45)
2/3 cores
Standard length: 2 m
60 (2.36)
55 (2.17)
21 dia.
(0.83)
60 (2.36)
55 (2.17)
7
(0.28)
29 dia.
(1.14)
65 (2.56)
60 (2.36)
29 dia.
(1.14)
65 (2.56)
60 (2.36)
10
(0.39)
13
(0.51)
E2E2-X10jj
E2E2-X18Mjj
M30 × 1.5
Toothed washer
Two clamping nut
Operation indicator
Round vinyl-insulated cable
6 dia. (0.12 dia. x 45)
2/3 cores
Standard length: 2 m
M30 × 1.5
Operation indicator
Two clamping nut
Toothed washer
26.8 dia.
Round vinyl-insulated cable
6 dia. (0.12 dia. x 45)
2/3 cores
Standard length: 2 m
42 dia.
(1.65)
70 (2.76)
65 (2.56)
42 dia.
(1.65)
70 (2.76)
65 (2.56)


Similar Part No. - E2E2-X5C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E2-X5C1-M1 OMRON-E2E2-X5C1-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
More results

Similar Description - E2E2-X5C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
logo
List of Unclassifed Man...
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
PANDUIT CORP.
LCC350-12-X PANDUIT-LCC350-12-X Datasheet
96Kb / 1P
   Copper Lug-Two-Hole, Long Barrel
logo
Molex Electronics Ltd.
191640019 MOLEX-191640019 Datasheet
63Kb / 1P
   PERMA-SEAL QD MALE TERMINAL LONG BARREL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com