Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAES132 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATAES132
Description  32K AES Serial EEPROM Specification
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAES132 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAES132_14 Datasheet HTML 1Page - ATMEL Corporation ATAES132_14 Datasheet HTML 2Page - ATMEL Corporation ATAES132_14 Datasheet HTML 3Page - ATMEL Corporation ATAES132_14 Datasheet HTML 4Page - ATMEL Corporation ATAES132_14 Datasheet HTML 5Page - ATMEL Corporation ATAES132_14 Datasheet HTML 6Page - ATMEL Corporation ATAES132_14 Datasheet HTML 7Page - ATMEL Corporation ATAES132_14 Datasheet HTML 8Page - ATMEL Corporation ATAES132_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 171 page
background image
ATAES132
32K AES Serial EEPROM Specification
DATASHEET
Features
32Kb Standard Serial EEPROM User Memory
o Compatible with the Atmel
® AT24C32D and the Atmel AT2530B
o 16 User Zones of 2Kb Each
High-security features
o AES Algorithm with 128-bit Keys
o AES-CCM for Authentication
o Message Authentication Code for Cryptographic Operations
o Secure Storage for Sixteen 128 bit Keys
o Encrypted User Memory Read and Write
o FIPS Random Number Generator
o 16 High-Endurance Monotonic EEPROM Counters
Flexible User Configured Security
o User Zone Access Rights Independently Configured
o Authentication Prior to Zone Access
Read/Write, Encrypted, or Read-only User Zone Options
High-speed Serial Interface Options
o 10MHz SPI (Mode 0 and 3)
o 1MHz I
2C
2.5V to 5.5V Supply, <250nA Sleep
Serial EEPROM Compatible Pinout Packages: SOIC, SOP, or UDFN
Operating Temperature Range: -40°C to +85°C
Description
The Atmel ATAES132 is a high-security, Serial Electrically-Erasable and Programmable
Read-Only Memory (EEPROM) providing both authentication and confidential nonvolatile
data storage capabilities. Access restrictions for the 16 user zones are independently
configured and any key can be used with any zone. Keys can also be used for standalone
authentication. This flexibility permits the ATAES132 to be used in a wide range of
applications.
The AES-128 cryptographic engine operates in AES-CCM mode to provide authentication,
stored data encryption/decryption, and Message Authentication Codes. Data
encryption/decryption can be performed for internally stored data or for small external data
packets, depending upon the configuration. Data encrypted by one ATAES132 device can
be decrypted by another, and vice versa.
Atmel-8760C-CryptoAuth-ATAES132-Datasheet_102013


Similar Part No. - ATAES132_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAES132A ATMEL-ATAES132A Datasheet
1Mb / 169P
   32K AES Serial EEPROM Specification
logo
Microchip Technology
ATAES132A MICROCHIP-ATAES132A Datasheet
1Mb / 172P
   ATAES132A 32K AES Serial EEPROM Complete Data Sheet
2018
More results

Similar Description - ATAES132_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAES132A ATMEL-ATAES132A Datasheet
1Mb / 169P
   32K AES Serial EEPROM Specification
logo
Microchip Technology
ATAES132A MICROCHIP-ATAES132A Datasheet
1Mb / 172P
   ATAES132A 32K AES Serial EEPROM Complete Data Sheet
2018
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A_10 Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com