Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMT5360A-155-FP Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # XMT5360A-155-FP
Description  622 Mb/s Logic Interface Laser Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5360A-155-FP Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  XMT5360A-155-FP Datasheet HTML 1Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 2Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 3Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 6Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 7Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 8Page - Agilent(Hewlett-Packard) XMT5360A-155-FP Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
442
622 Mb/s Logic Interface Laser
Transmitter
Preliminary Technical Data
XMT5370-622
Preliminary Product Disclaimer
This preliminary data sheet is provided to assist you in the evaluation of engineering samples of the product which is under development
and targeted for release during 1997. Until Hewlett-Packard releases this product for general sales, HP reserves the right to alter prices,
specifications, features, capabilities, function, manufacturing release dates, and even general availability of the product at any time.
Features
• SONET/SDH Compliant to
STM4 I-4, S-4.1
OC12 SR, IR.1
• –40
°C to +85°C Operation
• Compact 20 Pin Package
• ECL/PECL Logic Interface
• Multisourced Pinout
Applications
• SONET/SDH Systems
• Fiber to the Home
• Data Communications
Networks
Description
The XMT5370-622 is a high
performance uncooled optical
laser transmitter for CCITT SDH
and ANSI SONET applications. It
is designed with an ECL/PECL
logic interface for 622 MBd
transmission.
The transmitter incorporates
several features which simplify
system design. The
XMT5370-622 may be operated
with either +5 V or –5 V power
supplies. Its standard 10 KH ECL
data interface enables direct
interface with PECL or ECL logic.
The compact transmitter module
contains a pigtailed laser, data
interface, bias and modulation
control circuitry. Thus, no
external components or adjust-
ments are necessary. Finally, a
laser disable input is provided to
shut down the laser for standby
or test purposes.
The XMT5370-622 includes
analog outputs which are
proportional to laser current and
optical power. These may be used
with external circuitry to detect
end-of-life, or over temperature
conditions.
The transmitter is packaged in a
20 pin 0.4" pitch DIP. Contact
your local representative for
more details.
(5/97)


Similar Part No. - XMT5360A-155-FP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370A-155-FP HP-XMT5370A-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370A-155-SC HP-XMT5370A-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5360A-155-FP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com