Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPA1155-D-SC Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # PPA1155-D-SC
Description  Analog Pigtailed PIN Photodiodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PPA1155-D-SC Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  PPA1155-D-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) PPA1155-D-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) PPA1155-D-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) PPA1155-D-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) PPA1155-D-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) PPA1155-D-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) PPA1155-D-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard) PPA1155-D-SC Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
533
PDA Pigtailed Photodiode Specifications
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided that
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Symbol
Minimum
Maximum
Units
Reverse Voltage
Vr
-
20
V
Reverse Current
Ir
-
1
mA
Forward Voltage
Vf
-
1
V
Forward Current
If
-
5
mA
Power Dissipation
-
-
50
mW
Operating Temperature
Tc
–40
+85
°C
Storage Temperature
Ts
–40
+85
°C
Soldering – 10 seconds
-
-
+260
°C
Fiber Pull
-
-
10
N
Performance Specifications
Test Conditions:
Unless Otherwise Stated
PDA2446
Parameter
Symbol
Vr = 5 V, Tc = +25
°C
Min.
Max.
Units
Dark Current
Id
-
1
nA
Tc= +85
°C-
50
nA
Reverse Breakdown Voltage
Vbr
Ir = 10
µA35
-
V
Capacitance
C
1 MHz
-
1.7
pF
Responsivity
R
λ = 1300 nm
0.7
-
A/W
Operating Wavelength
λ
80% points
1200
1650
nM
Small Signal Bandwidth
Bw
1.5
-
GHz
Linearity
X1
Second Order
-
Vr = 15 V
-70
dBc
fl = 135 MHz
f2 = 190 MHz
70% Modulation
0 dBm Optical Power
Third Order
-
As above
-85
dBc
Fiber Pigtail: Tight jacketed, self-mode stripping, singlemode fiber
Parameter
Minimum
Maximum
Units
Length
1.0
-
m
Core Diameter
8
10
µm
Cladding Diameter
122
128
µm
Concentricity Error
-
8
%
Secondary Jacket Diameter
0.8
1.0
mm


Similar Part No. - PPA1155-D-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-DN HP-PPA1515-155-A-DN Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-FP HP-PPA1515-155-A-FP Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-SC HP-PPA1515-155-A-SC Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-ST HP-PPA1515-155-A-ST Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
More results

Similar Description - PPA1155-D-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT1X4X HP-PDT1X4X Datasheet
181Kb / 5P
   Pigtailed PIN Photodiodes
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com