Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E2-X5MB2-M1 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E2E2-X5MB2-M1
Description  Long Barrel Inductive Prox
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2-X5MB2-M1 Datasheet(HTML) 8 Page - Omron Electronics LLC

  E2E2-X5MB2-M1 Datasheet HTML 1Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 2Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 3Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 4Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 5Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 6Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 7Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 8Page - Omron Electronics LLC E2E2-X5MB2-M1 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
E2E2 3-Wire DC
E2E2 3-Wire DC
9
J
EFFECTS OF SURROUNDING METAL
When mounting the E2E2 within a metal panel, ensure that the
clearances given in the table below are maintained. Failure to
maintain these distances may cause deterioration in the perfor-
mance of the sensor.
ddia.
Type
Dimension
M12
M18
M30
Shielded
0mm
0mm
0mm
d
12 mm
18 mm
30 mm
D
0mm
0mm
0mm
m
8mm
20 mm
40 mm
n
18 mm
27 mm
45 mm
Unshielded
15 mm
22 mm
30 mm
d
40 mm
55 mm
90 mm
D
15 mm
22 mm
30 mm
m
20 mm
40 mm
70 mm
n
36 mm
54 mm
90 mm
J
MUTUAL INTERFERENCE
When installing two or more Sensors face to face or side by side,
ensure that the minimum distances given in the following table
are maintained.
A
B
Type
Dimension
M12
M18
M30
Shielded
A
30 mm
50 mm
100 mm
B
20 mm
35 mm
70 mm
Unshielded
A
120 mm
200 mm
300 mm
B
100 mm
110 mm
200 mm
J
INSTALLATION
Power Reset Time
The Proximity Sensor is ready to operate within 100 ms after
power is supplied. If power supplies are connected to the
Proximity Sensor and load respectively, be sure to supply power
to the Proximity Sensor before supplying power to the load.
Power OFF
The Proximity Sensor may output a pulse signal when it is turned
off. Turn off the load before turning off the Proximity Sensor.
Power Supply Transformer
When using a DC power supply, make sure that the DC
power supply has an insulated transformer. Do not use a DC
power supply with an auto-transformer.
Target Object
Metal Coating
The sensing distances of the Proximity Sensor vary with the
metal coating on target objects.
J
WIRING
High-tension Lines
Wiring through Metal Conduit
If there is a power or high-tension line near the cable of the
Proximity Sensor, wire the cable through an independent metal
conduit to prevent against Proximity Sensor damage or
malfunctioning.
Cable Tractive Force
Do not pull cables with the tractive forces exceeding these specs.
Diameter
Tractive force
4mmdia. max.
30 N max.
4 mm dia. min.
50 N max.
J
MOUNTING
The Proximity Sensor must not be subjected to excessive shock
with a hammer when it is installed, or the Proximity Sensor may
be damaged or lose its water-resistance.
J
ENVIRONMENT
Water Resistance
Do not use the Proximity Sensor underwater, outdoors, or in the
rain.
Operating Environment
Be sure to use the Proximity Sensor within its operating ambient
temperature range and do not use the Proximity Sensor outdoors
so that its reliability and life expectancy can be maintained.
Although the Proximity Sensor is water resistant, a cover to pro-
tect the Proximity Sensor from water or water-soluble machining
oil is recommended so that its reliability and life expectancy can
be maintained.
Do not use the Proximity Sensor in an environment with chemical
gas (e.g., strong alkaline or acid gasses including nitric, chromic,
and concentrated sulfuric acid gases).


Similar Part No. - E2E2-X5MB2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E2-X5MB2-M1 OMRON-E2E2-X5MB2-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
More results

Similar Description - E2E2-X5MB2-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
logo
List of Unclassifed Man...
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
PANDUIT CORP.
LCC350-12-X PANDUIT-LCC350-12-X Datasheet
96Kb / 1P
   Copper Lug-Two-Hole, Long Barrel
logo
Molex Electronics Ltd.
191640019 MOLEX-191640019 Datasheet
63Kb / 1P
   PERMA-SEAL QD MALE TERMINAL LONG BARREL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com