Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP20D-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EGP20D-E3
Description  Glass Passivated Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EGP20D-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  EGP20D-E3 Datasheet HTML 1Page - Vishay Siliconix EGP20D-E3 Datasheet HTML 2Page - Vishay Siliconix EGP20D-E3 Datasheet HTML 3Page - Vishay Siliconix EGP20D-E3 Datasheet HTML 4Page - Vishay Siliconix EGP20D-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EGP20A, EGP20B, EGP20C, EGP20D, EGP20F, EGP20G
www.vishay.com
Vishay General Semiconductor
Revision: 15-Aug-13
3
Document Number: 88583
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Instantaneous Forward Characteristics
Fig. 6 - Typical Reverse Leakage Characteristics
Fig. 7 - Typical Junction Capacitance
Fig. 8 - Typical Transient Thermal Impedance
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
100
10
1
0.1
0.01
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
EGP20A thru EGP20D
0
406080
100
20
Percent of Peak Reverse Voltage (%)
100
10
1
0.1
0.01
0.001
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
EGP20A thru EGP20D
100
10
1
0.1
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
EGP20F and EGP20G
100
10
1
0.1
0.01
0.001
0
20
40
60
80
100
Percent of Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
EGP20F and EGP20G
0.1
10
1
100
1000
0
20
40
60
80
100
120
140
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
EGP20A thru EGP20D
EGP20F and EGP20G
0.01
0.1
1
10
100
0.1
1
10
100
t - Pulse Duration (s)


Similar Part No. - EGP20D-E3

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20D ZOWIE-EGP20D Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP20D DACHANG-EGP20D Datasheet
122Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 2.0A
logo
Vishay Siliconix
EGP20D VISHAY-EGP20D Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
EGP20D FAIRCHILD-EGP20D Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20D FAIRCHILD-EGP20D Datasheet
271Kb / 6P
   2.0 A Glass-Passivated High-Efficiency Rectifiers
More results

Similar Description - EGP20D-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP30A VISHAY-EGP30A_V01 Datasheet
78Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
13-Jun-16
FGP30B VISHAY-FGP30B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP31A VISHAY-EGP31A Datasheet
92Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 22-Dec-16
EGP31A VISHAY-EGP31A_V01 Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
EGP10G-E3 VISHAY-EGP10G-E3 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
EGP30D-E3 VISHAY-EGP30D-E3 Datasheet
75Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
BYV26DGP VISHAY-BYV26DGP_V01 Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
FGP50B VISHAY-FGP50B_V01 Datasheet
74Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP10G-E373 VISHAY-EGP10G-E373 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com